Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY29LV320BF-70I Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HY29LV320BF-70I
Description  32 Mbit (2M x 16) Low Voltage Flash Memory
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29LV320BF-70I Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HY29LV320BF-70I Datasheet HTML 4Page - Hynix Semiconductor HY29LV320BF-70I Datasheet HTML 5Page - Hynix Semiconductor HY29LV320BF-70I Datasheet HTML 6Page - Hynix Semiconductor HY29LV320BF-70I Datasheet HTML 7Page - Hynix Semiconductor HY29LV320BF-70I Datasheet HTML 8Page - Hynix Semiconductor HY29LV320BF-70I Datasheet HTML 9Page - Hynix Semiconductor HY29LV320BF-70I Datasheet HTML 10Page - Hynix Semiconductor HY29LV320BF-70I Datasheet HTML 11Page - Hynix Semiconductor HY29LV320BF-70I Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
8
r1.3/May 02
HY29LV320
Table 2. HY29LV320B (Bottom Boot Block) Memory Array Organization
Notes:
1. ‘X’ indicates don’t care.
2. ‘0xN. . . N’ indicates an address in hexadecimal notation.
3. The address range is A[20:0].
-
t
c
e
S
r
o
e
z
i
S
)
d
r
o
W
K
(
s
s
e
r
d
d
A
r
o
t
c
e
S
1
e
g
n
a
R
s
s
e
r
d
d
A
3
,
2
]
0
2
[
A
]
9
1
[
A
]
8
1
[
A
]
7
1
[
A
]
6
1
[
A
]
5
1
[
A
]
4
1
[
A
]
3
1
[
A
]
2
1
[
A
0
S
8
00000000
X
F
F
F
1
0
0
x
0
-
0
0
0
0
0
0
x
0
1
S
4
0000000
1
0
F
F
F
2
0
0
x
0
-
0
0
0
2
0
0
x
0
2
S4
0000000
11
F
F
F
3
0
0
x
0
-
0
0
0
3
0
0
x
0
3
S6
1
000000
1
X
X
F
F
F
7
0
0
x
0
-
0
0
0
4
0
0
x
0
4
S2
3
00000
1
X
X
X
F
F
F
F
0
0
x
0
-
0
0
0
8
0
0
x
0
5
S2
3
0000
1
0
X
X
X
F
F
F
7
1
0
x
0
-
0
0
0
0
1
0
x
0
6
S2
3
0000
11
X
X
X
F
F
F
F
1
0
x
0
-
0
0
0
8
1
0
x
0
7
S2
3
000
1
0
0
X
X
X
F
F
F
7
2
0
x
0
-
0
0
0
0
2
0
x
0
8
S2
3
000
1
0
1
X
X
X
F
F
F
F
2
0
x
0
-
0
0
0
8
2
0
x
0
9
S2
3
000
11
0
X
X
X
F
F
F
7
3
0
x
0
-
0
0
0
0
3
0
x
0
0
1
S2
3
000
111
X
X
X
F
F
F
F
3
0
x
0
-
0
0
0
8
3
0
x
0
1
1
S2
3
0
0
1
000
X
X
X
F
F
F
7
4
0
x
0
-
0
0
0
0
4
0
x
0
2
1
S2
3
0
0
1
0
0
1
XXX
F
F
F
F
4
0
x
0
-
0
0
0
8
4
0
x
0
3
1
S2
3
0
01
01
0
X
X
X
F
F
F
7
5
0
x
0
-
0
0
0
0
5
0
x
0
4
1
S2
3
0
01
01
1
X
X
X
F
F
F
F
5
0
x
0
-
0
0
0
8
5
0
x
0
5
1
S2
3
0
0
1
1
0
0
XXX
F
F
F
7
6
0
x
0
-
0
0
0
0
6
0
x
0
6
1
S2
3
0
0
1
1
0
1
XXX
F
F
F
F
6
0
x
0
-
0
0
0
8
6
0
x
0
7
1
S2
3
0
0
111
0
X
X
X
F
F
F
7
7
0
x
0
-
0
0
0
0
7
0
x
0
8
1
S2
3
0
0
1111
X
X
X
F
F
F
F
7
0
x
0
-
0
0
0
8
7
0
x
0
9
1
S2
3
0
1
0000
X
X
X
F
F
F
7
8
0
x
0
-
0
0
0
0
8
0
x
0
0
2
S2
3
0
1
000
1
X
X
X
F
F
F
F
8
0
x
0
-
0
0
0
8
8
0
x
0
1
2
S2
3
0
1
0
0
1
0
XXX
F
F
F
7
9
0
x
0
-
0
0
0
0
9
0
x
0
2
2
S2
3
0
1
0
0
1
1
XXX
F
F
F
F
9
0
x
0
-
0
0
0
8
9
0
x
0
3
2
S2
3
0
10
10
0
X
X
X
F
F
F
7
A
0
x
0
-
0
0
0
0
A
0
x
0
4
2
S2
3
0
10
10
1
X
X
X
F
F
F
F
A
0
x
0
-
0
0
0
8
A
0
x
0
5
2
S2
3
0
1
0
1
1
0
XXX
F
F
F
7
B
0
x
0
-
0
0
0
0
B
0
x
0
6
2
S2
3
0
1
0
111
X
X
X
F
F
F
F
B
0
x
0
-
0
0
0
8
B
0
x
0
7
2
S2
3
0
11
000
X
X
X
F
F
F
7
C
0
x
0
-
0
0
0
0
C
0
x
0
8
2
S2
3
0
11
00
1
X
X
X
F
F
F
F
C
0
x
0
-
0
0
0
8
C
0
x
0
9
2
S2
3
0
1
1
0
1
0
XXX
F
F
F
7
D
0
x
0
-
0
0
0
0
D
0
x
0
0
3
S2
3
0
1
1
0
1
1
XXX
F
F
F
F
D
0
x
0
-
0
0
0
8
D
0
x
0
1
3
S2
3
0
111
00
X
X
X
F
F
F
7
E
0
x
0
-
0
0
0
0
E
0
x
0
2
3
S2
3
0
111
0
1
X
X
X
F
F
F
F
E
0
x
0
-
0
0
0
8
E
0
x
0
3
3
S2
3
0
1111
0
X
X
X
F
F
F
7
F
0
x
0
-
0
0
0
0
F
0
x
0
4
3
S2
3
0
11111
X
X
X
F
F
F
F
F
0
x
0
-
0
0
0
8
F
0
x
0
5
3
S2
3
1
00000
X
X
X
F
F
F
7
0
1
x
0
-
0
0
0
0
0
1
x
0
-
6
3
S
6
6
S
2
3
1
=
]
0
2
[
A
t
p
e
c
x
e
4
3
S
-
4
S
s
a
e
m
a
S
4
3
S
-
4
S
s
a
e
m
a
S
1
=
D
S
M
t
p
e
c
x
e


Similar Part No. - HY29LV320BF-70I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12 HYNIX-HY29LV160BF-12 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12I HYNIX-HY29LV160BF-12I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70 HYNIX-HY29LV160BF-70 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70I HYNIX-HY29LV160BF-70I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
More results

Similar Description - HY29LV320BF-70I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
logo
Elite Semiconductor Mem...
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L320UA ESMT-F49L320UA_1 Datasheet
548Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
logo
Austin Semiconductor
AS8F2M32 AUSTIN-AS8F2M32 Datasheet
390Kb / 12P
   2M x 32 FLASH FLASH MEMORY MODULE
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
Toshiba Semiconductor
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
ATMEL Corporation
AT49SV322D ATMEL-AT49SV322D Datasheet
519Kb / 32P
   32-megabit (2M x 16) 1.8-volt Only Flash Memory
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
   32-megabit (2M x 16) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com