Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57871S0123+000 Datasheet(PDF) 10 Page - TDK Electronics

Part # B57871S0123+000
Description  Leaded NTC thermistors
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B57871S0123+000 Datasheet(HTML) 10 Page - TDK Electronics

Back Button B57871S0123+000 Datasheet HTML 6Page - TDK Electronics B57871S0123+000 Datasheet HTML 7Page - TDK Electronics B57871S0123+000 Datasheet HTML 8Page - TDK Electronics B57871S0123+000 Datasheet HTML 9Page - TDK Electronics B57871S0123+000 Datasheet HTML 10Page - TDK Electronics B57871S0123+000 Datasheet HTML 11Page - TDK Electronics B57871S0123+000 Datasheet HTML 12Page - TDK Electronics B57871S0123+000 Datasheet HTML 13Page - TDK Electronics B57871S0123+000 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
3) Chip thickness depends on the resistance value.
1.3
Reel packing
Packing survey
Case
size
Chip
thick-
ness3)
8-mm tape
Reel dimensions
Packing units
mm
mm
pcs./reel
Blister Card-
board
A
Tol.
W1
Tol.
W2
180-mm
reel
330-mm
reel
0402
0.5
x
180
3/+0
8.4
+1.5/ 0
14.4 max.
10000
0603
0.8
x
180
3/+0
8.4
+1.5/ 0
14.4 max.
4000
330
±2.0
12.4
+1.5/ 0
18.4 max.
16000
0805
0.8
x
180
3/+0
8.4
+1.5/ 0
14.4 max.
4000
16000
1.2
x
330
±2.0
12.4
+1.5/ 0
18.4 max.
3000
12000
1206
0.8
x
180
2/+0
8.4
+1.5/ 0
14.4 max.
4000
1.2
x
180
2/+0
8.4
+1.5/ 0
14.4 max.
2000
2
Packing codes
The last two digits of the complete ordering code state the packing mode:
Last two digits
60
SMD
Cardboard tape
180-mm reel packing
62
SMD
Blister tape
180-mm reel packing
70
SMD
Cardboard tape
330-mm reel packing
72
SMD
Blister tape
330-mm reel packing
Temperature measurement
B57871S
Leaded NTC thermistors, lead spacing 2.5 mm
S871
Page 10 of 27
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57871S0123+000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57871S0123+000 EPCOS-B57871S0123+000 Datasheet
62Kb / 3P
   Temperature Measurement
More results

Similar Description - B57871S0123+000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B57971S0103F001 TDK-B57971S0103F001 Datasheet
562Kb / 26P
   Leaded NTC thermistors
B57891S0103F008 TDK-B57891S0103F008 Datasheet
562Kb / 26P
   Leaded NTC thermistors
B57981S0103F001 TDK-B57981S0103F001 Datasheet
566Kb / 27P
   Leaded NTC thermistors
logo
Vishay Siliconix
NTCLE203E3103FB0 VISHAY-NTCLE203E3103FB0 Datasheet
107Kb / 9P
   NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 18-May-11
NTCLE100E3223JB0 VISHAY-NTCLE100E3223JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3103HB0 VISHAY-NTCLE100E3103HB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3 VISHAY-NTCLE100E3_16 Datasheet
200Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 22-Dec-16
NTCLE203E3 VISHAY-NTCLE203E3_17 Datasheet
84Kb / 3P
   NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 26-Jun-17
NTCLE100E3 VISHAY-NTCLE100E3_V01 Datasheet
208Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
01-Jan-2022
NTCLE101E3SB0 VISHAY-NTCLE101E3SB0 Datasheet
92Kb / 5P
   NTC Thermistors, Radial Leaded Special Accuracy
Revision: 06-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com