Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57981S0103+002 Datasheet(PDF) 3 Page - TDK Electronics

Part # B57981S0103+002
Description  Leaded NTC thermistors
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B57981S0103+002 Datasheet(HTML) 3 Page - TDK Electronics

  B57981S0103+002 Datasheet HTML 1Page - TDK Electronics B57981S0103+002 Datasheet HTML 2Page - TDK Electronics B57981S0103+002 Datasheet HTML 3Page - TDK Electronics B57981S0103+002 Datasheet HTML 4Page - TDK Electronics B57981S0103+002 Datasheet HTML 5Page - TDK Electronics B57981S0103+002 Datasheet HTML 6Page - TDK Electronics B57981S0103+002 Datasheet HTML 7Page - TDK Electronics B57981S0103+002 Datasheet HTML 8Page - TDK Electronics B57981S0103+002 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Reliability data
Test
Standard
Test conditions
∆R
25/R25
(typical)
Remarks
Storage in
dry heat
IEC
60068-2-2
Storage at upper
category temperature
T: 155
°C
t: 1000 h
< 2%
No visible
damage
Storage in damp
heat, steady state
IEC
60068-2-78
Temperature of air: 40
°C
Relative humidity of air: 93%
Duration: 56 days
< 2%
No visible
damage
Rapid temperature
cycling
IEC
60068-2-14
Lower test temperature:
55
°C
Upper test temperature: 155
°C
Number of cycles: 100
< 2%
No visible
damage
Endurance
Pmax: 100 mW
t: 1000 h
< 3%
No visible
damage
Long-term stability
(empirical value)
Temperature: 70
°C
t: 10000 h
< 3%
No visible
damage
Temperature measurement
B57981S
Leaded NTC thermistors, lead spacing 2.5 mm
S981
Page 3 of 27
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57981S0103+002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57981S0103001 EPCOS-B57981S0103001 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57981S0103002 EPCOS-B57981S0103002 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57981S0103F001 EPCOS-B57981S0103F001 Datasheet
334Kb / 18P
   NTC thermistors for temperature measurement
B57981S0103F002 EPCOS-B57981S0103F002 Datasheet
334Kb / 18P
   NTC thermistors for temperature measurement
B57981S0103H001 EPCOS-B57981S0103H001 Datasheet
334Kb / 18P
   NTC thermistors for temperature measurement
More results

Similar Description - B57981S0103+002

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B57871S0103H001 TDK-B57871S0103H001 Datasheet
566Kb / 27P
   Leaded NTC thermistors
B57971S0103F001 TDK-B57971S0103F001 Datasheet
562Kb / 26P
   Leaded NTC thermistors
B57891S0103F008 TDK-B57891S0103F008 Datasheet
562Kb / 26P
   Leaded NTC thermistors
logo
Vishay Siliconix
NTCLE203E3103FB0 VISHAY-NTCLE203E3103FB0 Datasheet
107Kb / 9P
   NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 18-May-11
NTCLE100E3223JB0 VISHAY-NTCLE100E3223JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3103HB0 VISHAY-NTCLE100E3103HB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3 VISHAY-NTCLE100E3_16 Datasheet
200Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 22-Dec-16
NTCLE203E3 VISHAY-NTCLE203E3_17 Datasheet
84Kb / 3P
   NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 26-Jun-17
NTCLE100E3 VISHAY-NTCLE100E3_V01 Datasheet
208Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
01-Jan-2022
NTCLE101E3SB0 VISHAY-NTCLE101E3SB0 Datasheet
92Kb / 5P
   NTC Thermistors, Radial Leaded Special Accuracy
Revision: 06-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com