Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY29LV320TT-80I Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HY29LV320TT-80I
Description  32 Mbit (2M x 16) Low Voltage Flash Memory
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29LV320TT-80I Datasheet(HTML) 5 Page - Hynix Semiconductor

  HY29LV320TT-80I Datasheet HTML 1Page - Hynix Semiconductor HY29LV320TT-80I Datasheet HTML 2Page - Hynix Semiconductor HY29LV320TT-80I Datasheet HTML 3Page - Hynix Semiconductor HY29LV320TT-80I Datasheet HTML 4Page - Hynix Semiconductor HY29LV320TT-80I Datasheet HTML 5Page - Hynix Semiconductor HY29LV320TT-80I Datasheet HTML 6Page - Hynix Semiconductor HY29LV320TT-80I Datasheet HTML 7Page - Hynix Semiconductor HY29LV320TT-80I Datasheet HTML 8Page - Hynix Semiconductor HY29LV320TT-80I Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5
r1.3/May 02
HY29LV320
PIN CONFIGURATIONS
TSOP48
A[11]
A[10]
5
6
A[9]
A[8]
7
8
A[19]
A[20]
9
10
WE#
RESET#
11
12
NC
WP#/ACC
13
14
RY/BY#
A[18]
15
16
A[17]
A[7]
17
18
A[6]
A[5]
19
20
A[15]
A[14]
1
2
A[13]
A[12]
3
4
A[4]
A[3]
21
22
A[2]
A[1]
23
24
DQ[7]
DQ[14]
44
43
DQ[6]
DQ[13]
42
41
DQ[5]
DQ[12]
40
39
DQ[4]
V
CC
38
37
DQ[11]
DQ[3]
36
35
DQ[10]
DQ[2]
34
33
DQ[9]
DQ[1]
32
31
DQ[8]
DQ[0]
30
29
A[16]
V
IH
48
47
V
SS
DQ[15]
46
45
OE#
V
SS
28
27
CE#
A[0]
26
25
B7
NC
L7
NC
A7
NC
M7
NC
B8
NC
L8
NC
A8
NC
M8
NC
C7
A[13]
D7
A[12]
E7
A[14]
F7
A[15]
G7
A[16]
H7
V
10
J7
DQ [15]
K7
V
55
C6
A[9]
D6
A[8]
E6
A[10]
F6
A[11]
G6
DQ [7]
H6
DQ [14]
J6
DQ [13]
K6
DQ [6]
C5
WE #
D5
R ESET#
E5
NC
F5
A[19]
G5
DQ [5]
H5
DQ [12]
J5
V++
K5
DQ [4]
C4
RY/B Y#
D4
WP # /A C C
E4
A[18]
F4
A[20]
G4
DQ [2]
H4
DQ [10]
J4
DQ [11]
K4
DQ [3]
C3
A[7]
D3
A[17]
E3
A[6]
F3
A[5]
G3
DQ [0]
H3
DQ [8]
J3
DQ [9]
K3
DQ [1]
C2
A[3]
D2
A[4]
E2
A[2]
F2
A[1]
G2
A[0]
H2
CE #
J2
OE #
K2
V55
L2
NC
A2
NC
M2
NC
B1
NC
L1
NC
A1
NC
M1
NC
63- B alllFB G A - Top V
p View , B alls Facing D ow n


Similar Part No. - HY29LV320TT-80I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12 HYNIX-HY29LV160BF-12 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12I HYNIX-HY29LV160BF-12I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70 HYNIX-HY29LV160BF-70 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70I HYNIX-HY29LV160BF-70I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
More results

Similar Description - HY29LV320TT-80I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
logo
Elite Semiconductor Mem...
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L320UA ESMT-F49L320UA_1 Datasheet
548Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
logo
Austin Semiconductor
AS8F2M32 AUSTIN-AS8F2M32 Datasheet
390Kb / 12P
   2M x 32 FLASH FLASH MEMORY MODULE
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
Toshiba Semiconductor
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
ATMEL Corporation
AT49SV322D ATMEL-AT49SV322D Datasheet
519Kb / 32P
   32-megabit (2M x 16) 1.8-volt Only Flash Memory
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
   32-megabit (2M x 16) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com