Electronic Components Datasheet Search |
|
AT17LV002A-10SC Datasheet(PDF) 1 Page - ATMEL Corporation |
|
AT17LV002A-10SC Datasheet(HTML) 1 Page - ATMEL Corporation |
1 / 24 page 1 Features • EE Programmable 65,536 x 1-, 131,072 x 1-, 262,144 x 1-, 524,288 x 1-, 1,048,576 x 1-, 2,097,152 x 1-, and 4,194,304 x 1-bit Serial Memories Designed to Store Configuration Programs for Field Programmable Gate Arrays (FPGAs) • Supports both 3.3V and 5.0V Operating Voltage Applications • In-System Programmable (ISP) via Two-Wire Bus • Simple Interface to SRAM FPGAs • Compatible with Atmel AT6000, AT40K and AT94K Devices, Altera FLEX®, APEX™ Devices, Lucent ORCA ®, Xilinx XC3000™, XC4000™, XC5200™, Spartan®, Virtex® FPGAs • Cascadable Read-back to Support Additional Configurations or Higher-density Arrays • Very Low-power CMOS EEPROM Process • Programmable Reset Polarity • Available in 6 mm x 6 mm x 1 mm 8-lead LAP (Pin-compatible with 8-lead SOIC/VOIC Packages), 8-lead PDIP, 8-lead SOIC, 20-lead PLCC, 20-lead SOIC, 44-lead PLCC and 44-lead TQFP Packages • Emulation of Atmel’s AT24CXXX Serial EEPROMs • Low-power Standby Mode • High-reliability – Endurance: 100,000 Write Cycles – Data Retention: 90 Years for Industrial Parts (at 85 °C) and 190 Years for Commercial Parts (at 70 °C) Description The AT17LV series FPGA Configuration EEPROMs (Configurators) provide an easy- to-use, cost-effective configuration memory for Field Programmable Gate Arrays. The AT17LV series device is packaged in the 8-lead LAP, 8-lead PDIP, 8-lead SOIC, 20- lead PLCC, 20-lead SOIC, 44-lead PLCC and 44-lead TQFP, see Table 1. The AT17LV series Configurators uses a simple serial-access procedure to configure one or more FPGA devices. The user can select the polarity of the reset function by pro- gramming four EEPROM bytes. These devices also support a write-protection mechanism within its programming mode. The AT17LV series configurators can be programmed with industry-standard program- mers, Atmel’s ATDH2200E Programming Kit or Atmel’s ATDH2225 ISP Cable. Notes: 1. The 8-lead LAP package has the same footprint as the 8-lead SOIC. Since an 8- lead SOIC package is not available for the AT17LV512/010/002 devices, it is possi- ble to use an 8-lead LAP package instead. 2. The pinout for the AT17LV65/128/256 devices is not pin-for-pin compatible with the AT17LV512/010/002 devices. 3. Refer to the AT17Fxxx datasheet, available on the Atmel web site. Table 1. AT17LV Series Packages Package AT17LV65/ AT17LV128/ AT17LV256 AT17LV512/ AT17LV010 AT17LV002 AT17LV040 8-lead LAP Yes Yes Yes (3) 8-lead PDIP Yes Yes – – 8-lead SOIC Yes Use 8-lead LAP (1) Use 8-lead LAP (1) (3) 20-lead PLCC Yes Yes Yes – 20-lead SOIC Yes (2) Yes (2) Yes (2) – 44-lead PLCC – – Yes Yes 44-lead TQFP – – Yes Yes FPGA Configuration EEPROM Memory AT17LV65 AT17LV128 AT17LV256 AT17LV512 AT17LV010 AT17LV002 AT17LV040 3.3V and 5V System Support Rev. 2321E–CNFG–06/03 |
Similar Part No. - AT17LV002A-10SC |
|
Similar Description - AT17LV002A-10SC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |