Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT17LV002A-10SC Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT17LV002A-10SC
Description  FPGA Configuration EEPROM Memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17LV002A-10SC Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT17LV002A-10SC Datasheet HTML 3Page - ATMEL Corporation AT17LV002A-10SC Datasheet HTML 4Page - ATMEL Corporation AT17LV002A-10SC Datasheet HTML 5Page - ATMEL Corporation AT17LV002A-10SC Datasheet HTML 6Page - ATMEL Corporation AT17LV002A-10SC Datasheet HTML 7Page - ATMEL Corporation AT17LV002A-10SC Datasheet HTML 8Page - ATMEL Corporation AT17LV002A-10SC Datasheet HTML 9Page - ATMEL Corporation AT17LV002A-10SC Datasheet HTML 10Page - ATMEL Corporation AT17LV002A-10SC Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
AT17LV65/128/256/512/010/002/040
2321E–CNFG–06/03
CE
Chip Enable input (active Low). A Low level (with OE High) allows CLK to increment the
address counter and enables the data output driver. A High level on CE disables both
the address and bit counters and forces the device into a low-power standby mode.
Note that this pin will not enable/disable the device in the Two-Wire Serial Programming
mode (SER_EN Low).
GND
Ground pin. A 0.2 µF decoupling capacitor between V
CC and GND is recommended.
CEO
Chip Enable Output (active Low). This output goes Low when the address counter has
reached its maximum value. In a daisy chain of AT17LV series devices, the CEO pin of
one device must be connected to the CE input of the next device in the chain. It will stay
Low as long as CE is Low and OE is High. It will then follow CE until OE goes Low;
thereafter, CEO will stay High until the entire EEPROM is read again.
A2
Device selection input, A2. This is used to enable (or select) the device during program-
ming (i.e., when SER_EN is Low). A2 has an internal pull-down resistor.
READY
Open collector reset state indicator. Driven Low during power-up reset, released when
power-up is complete. It is recommended to use a 4.7 k
Ω pull-up resistor when this pin
is used.
SER_EN
Serial enable must be held High during FPGA loading operations. Bringing SER_EN
Low enables the Two-Wire Serial Programming Mode. For non-ISP applications,
SER_EN should be tied to V
CC.
V
CC
3.3V (±10%) and 5.0V (±5% Commercial, ±10% Industrial) power supply pin.


Similar Part No. - AT17LV002A-10SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV002A-10JC ATMEL-AT17LV002A-10JC Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
AT17LV002A-10JC ATMEL-AT17LV002A-10JC Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17LV002A-10JI ATMEL-AT17LV002A-10JI Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
AT17LV002A-10JI ATMEL-AT17LV002A-10JI Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17LV002A-10JU ATMEL-AT17LV002A-10JU Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
More results

Similar Description - AT17LV002A-10SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17C002 ATMEL-AT17C002 Datasheet
255Kb / 19P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_14 Datasheet
676Kb / 23P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_08 Datasheet
637Kb / 26P
   FPGA Configuration EEPROM Memory
AT17C002A ATMEL-AT17C002A Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
AT17C020 ATMEL-AT17C020 Datasheet
218Kb / 12P
   2-megabit FPGA Configuration EEPROM Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com