Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE28DW1621T-80T Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LE28DW1621T-80T
Description  16 Megabit FlashBank Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE28DW1621T-80T Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LE28DW1621T-80T Datasheet HTML 1Page - Sanyo Semicon Device LE28DW1621T-80T Datasheet HTML 2Page - Sanyo Semicon Device LE28DW1621T-80T Datasheet HTML 3Page - Sanyo Semicon Device LE28DW1621T-80T Datasheet HTML 4Page - Sanyo Semicon Device LE28DW1621T-80T Datasheet HTML 5Page - Sanyo Semicon Device LE28DW1621T-80T Datasheet HTML 6Page - Sanyo Semicon Device LE28DW1621T-80T Datasheet HTML 7Page - Sanyo Semicon Device LE28DW1621T-80T Datasheet HTML 8Page - Sanyo Semicon Device LE28DW1621T-80T Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
16 Megabit FlashBank Memory
LE28DW1621T-80T (Draft3)
4
SANYO Electric Co.,Ltd. Semiconductor Company 1-1-1 Sakata Oizumi Gunma Japan
R.1.20(4/27/2000) No.xxxx-4/20
Product Identification Table
Device ID codes are unique to each bank. Should a chip ID
be required, any of the bank IDs may be used as the chip ID.
While in the read software ID mode, no other operation is
allowed until after exiting these modes.
Product Identification Mode Exit
In order to return to the standard Read mode, the Product
Identification mode must be exited. Exit is accomplished by
issuing the Software ID exit command, which returns the
device to normal operation. This command may also be
used to reset the device to the Read mode after any inadvert-
ent transient condition that apparently causes the device to
behave abnormally, e.g., not read correctly. For details, (see
Table 3 for software operation and Figures 9 for timing
waveforms.)
word load sequence is used to initiate the Program cycle,
providing optimal protection from inadvertent Write operations,
e.g., during the system power-up or power-down. The six-word
sequence is required to initiate any Chip, Block, or Sector Erase
operation.
The requirements for JEDEC compliant SDP are in byte format.
The LE28DW1621T is organized by word; therefore, the con-
tents of DQ8 to DQ15 are "Don't Care"during any SDP (3-word
or 6-word) command sequence.
During the SDP load command sequence, the SDP load cycle
is suspended when WE# is high. This means a read may occur
to any other bank during the SDP load sequence.
The bank reserve in SDP load sequence is reserved by the bus
cycle of command materialization. If the command sequence
is aborted, e.g., an incorrect address is loaded, or incorrect data
is loaded, the device will return to the Read mode within TRC of
execution of the load error.
Concurrent Read and Write Operations
The LE28DW1621T provides the unique benefit of being able to
read any bank, while simultaneously erasing, or programming
one other bank. This allows data alteration code to be executed
from one bank, while altering the data in another bank. The next
table lists all valid states.
Concurrent Read/Write State Table
Note: For the purposes of this table, write means to Block, Sector,
or Chip Erase, or Word Program as applicable to the
appropriate bank.
The device will ignore all SDP commands and toggling of WE#
when an Erase or Program operation is in progress. Note,
Product Identification entry commands use SDP; therefore, this
command will also be ignored while an Erase or Program,
operation is in progress.
Product Identification
The product identification mode identifies the device manufac-
turer as SANYO and provides a code to identify each bank. The
manufacturer ID is the same for each bank; however, each bank
has a separate device ID. Each bank is individually accessed
using the applicable Bank Address and a software command.
Users may wish to use the device ID operation to identifythe write
algorithm requirements for each bank. (For details, see Table 3
for software operation and Figures 8 for timing waveforms. )
1
k
n
a
B2
k
n
a
B
d
a
e
Rn
o
i
t
a
r
e
p
O
o
N
d
a
e
Re
t
i
r
W
e
t
i
r
Wd
a
e
R
n
o
i
t
a
r
e
p
O
o
Ne
t
i
r
W
e
t
i
r
Wn
o
i
t
a
r
e
p
O
o
N
n
o
i
t
a
r
e
p
O
o
Nd
a
e
R
d
r
o
W
a
t
a
D
)
e
d
o
M
d
r
o
W
(
a
t
a
D
)
e
d
o
M
e
t
y
B
(
D
I
r
e
k
a
MH
0
0
0
0H
2
6
0
0H
2
6
e
d
o
C
e
c
i
v
e
D
1
k
n
a
B
(
)H
1
0
0
0H
E
7
5
2H
E
7
e
d
o
C
e
c
i
v
e
D
)
2
k
n
a
B
(
H
1
0
0
0H
D
7
5
2H
D
7
Figure 1 : Pin Description : TSOP-1 (12mm x 20mm)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A15
A14
A13
A12
A11
A10
A9
A8
A19
NC
WE#
RESET#
NC
WP#
RY/BY#
A18
A17
A7
A6
A5
A4
A3
A2
A1
A16
BYTE#
VSS
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VDD
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
OE#
VSS
CE#
A0
(12mm x 20mm)
TSOP-I
Normal Bend


Similar Part No. - LE28DW1621T-80T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE28DW8102T SANYO-LE28DW8102T Datasheet
338Kb / 19P
   8 Megabit FlashBank Memory LE28DW8102T
More results

Similar Description - LE28DW1621T-80T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE28BW168T SANYO-LE28BW168T Datasheet
340Kb / 20P
   16 Megabit FlashBank Memory
logo
Silicon Storage Technol...
SST38VF166 SST-SST38VF166 Datasheet
691Kb / 50P
   16 Megabit FlashBank Memory
logo
Sanyo Semicon Device
LE28DW8102T SANYO-LE28DW8102T Datasheet
338Kb / 19P
   8 Megabit FlashBank Memory LE28DW8102T
logo
Eon Silicon Solution In...
EN25D16 EON-EN25D16 Datasheet
483Kb / 37P
   16 Megabit Serial Flash Memory
logo
ATMEL Corporation
AT52BR1664AT ATMEL-AT52BR1664AT Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
AT52BR1672 ATMEL-AT52BR1672 Datasheet
366Kb / 39P
   16-megabit Flash and 2-megabit/ 4-megabit SRAM Stack Memory
logo
Eon Silicon Solution In...
EN25T16A EON-EN25T16A Datasheet
681Kb / 35P
   16 Megabit Uniform Sector, Serial Flash Memory
logo
ATMEL Corporation
AT49BV160S ATMEL-AT49BV160S Datasheet
159Kb / 5P
   16-megabit(1M x 16) Secure 3-volt Only Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49SV163D ATMEL-AT49SV163D Datasheet
463Kb / 30P
   16-megabit 1M x 16) 1.8-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com