Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

824501581 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 824501581
Description  WE-TVSP Power TVS Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

824501581 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  824501581 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 824501581 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 824501581 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 824501581 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 824501581 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 824501581 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 824501581 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Properties & Approvals
UL Approval
UL497B: E478010
Flammability Rating of Plastic Material
UL94-V0
Maximum Peak Pulse Power Rating:
0.1
1.0
10.0
1
10
100
1000
Pulse With [µs]
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
WE
WE
DIN ISO 2768-1m
DESCRIPTION
WE-TVSP Power TVS Diode
ORDER CODE
824501581
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
DO-214AC
001.000
Draft
2015-11-05
eiSos
2/7
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 824501581

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
824501500 WURTH-824501500 Datasheet
330Kb / 7P
   WE-TVSP Power TVS Diode
824501511 WURTH-824501511 Datasheet
329Kb / 7P
   WE-TVSP Power TVS Diode
824501541 WURTH-824501541 Datasheet
330Kb / 7P
   WE-TVSP Power TVS Diode
More results

Similar Description - 824501581

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
824541751 WURTH-824541751 Datasheet
329Kb / 7P
   WE-TVSP Power TVS Diode
824520102 WURTH-824520102 Datasheet
409Kb / 7P
   WE-TVSP Power TVS Diode
824520281 WURTH-824520281 Datasheet
410Kb / 7P
   WE-TVSP Power TVS Diode
824520331 WURTH-824520331 Datasheet
409Kb / 7P
   WE-TVSP Power TVS Diode
824501111 WURTH-824501111 Datasheet
330Kb / 7P
   WE-TVSP Power TVS Diode
824501141 WURTH-824501141 Datasheet
330Kb / 7P
   WE-TVSP Power TVS Diode
824501331 WURTH-824501331 Datasheet
330Kb / 7P
   WE-TVSP Power TVS Diode
824501401 WURTH-824501401 Datasheet
330Kb / 7P
   WE-TVSP Power TVS Diode
824540131 WURTH-824540131 Datasheet
409Kb / 7P
   WE-TVSP Power TVS Diode
824540281 WURTH-824540281 Datasheet
409Kb / 7P
   WE-TVSP Power TVS Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com