Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT17LV010-10BJC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT17LV010-10BJC
Description  FPGA Configuration EEPROM Memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17LV010-10BJC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT17LV010-10BJC Datasheet HTML 2Page - ATMEL Corporation AT17LV010-10BJC Datasheet HTML 3Page - ATMEL Corporation AT17LV010-10BJC Datasheet HTML 4Page - ATMEL Corporation AT17LV010-10BJC Datasheet HTML 5Page - ATMEL Corporation AT17LV010-10BJC Datasheet HTML 6Page - ATMEL Corporation AT17LV010-10BJC Datasheet HTML 7Page - ATMEL Corporation AT17LV010-10BJC Datasheet HTML 8Page - ATMEL Corporation AT17LV010-10BJC Datasheet HTML 9Page - ATMEL Corporation AT17LV010-10BJC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
AT17LV65/128/256/512/010/002/040
2321E–CNFG–06/03
DATA
Three-state DATA output for configuration. Open-collector bi-directional pin for
programming.
CLK
Clock input. Used to increment the internal address and bit counter for reading and
programming.
WP1
WRITE PROTECT (1). Used to protect portions of memory during programming. Dis-
abled by default due to internal pull-down resistor. This input pin is not used during
FPGA loading operations. This pin is only available on AT17LV512/010/002 devices.
RESET/OE
Output Enable (active High) and RESET (active Low) when SER_EN is High. A Low
level on RESET/OE resets both the address and bit counters. A High level (with CE
Low) enables the data output driver. The logic polarity of this input is programmable as
either RESET/OE or RESET/OE. For most applications, RESET should be programmed
active Low. This document describes the pin as RESET/OE.
WP
Write protect (WP) input (when CE is Low) during programming only (SER_EN Low).
When WP is Low, the entire memory can be written. When WP is enabled (High), the
lowest block of the memory cannot be written. This pin is only available on
AT17LV65/128/256 devices.
WP2
WRITE PROTECT (2). Used to protect portions of memory during programming. Dis-
abled by default due to internal pull-down resistor. This input pin is not used during
FPGA loading operations. This pin is only available on AT17LV512/010 devices.
Pin Description
Name
I/O
AT17LV65/
AT17LV128/
AT17LV256
AT17LV512/
AT17LV010
AT17LV002
AT17LV040
8
DIP/
LAP/
SOIC
20
PLCC
20
SOIC
8
DIP/
LAP
20
PLCC
20
SOIC
8
DIP/
LAP/
SOIC
20
PLCC
20
SOIC
44
PLCC
44
TQFP
44
PLCC
44
TQFP
DATA
I/
O
1
221
211
212
40
2
40
CLK
I
2
442
432
435
43
5
43
WP1
I
–––
5––
5––
–––
RESET/OE
I
3
663
683
68
19
13
19
13
WP2
I
7––
7––
–––
CE
I
4
8
8
4
8
10
4
8
1021152115
GND
5
10
10
5
10
11
5
10
11
24
18
24
18
CEO
O
614
14
6
14
13
614
13
27
21
27
21
A2
I
READY
O
15
15
29232923
SER_EN
I
7
17
17
7
17
18
7
17
18
41
35
41
35
V
CC
8
2020
8
20
20
8
202044384438


Similar Part No. - AT17LV010-10BJC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV010-10CU ATMEL-AT17LV010-10CU Datasheet
637Kb / 26P
   FPGA Configuration EEPROM Memory
AT17LV010-10DP ATMEL-AT17LV010-10DP Datasheet
161Kb / 11P
   Space FPGA Configuration EEPROM
AT17LV010-10DP ATMEL-AT17LV010-10DP Datasheet
145Kb / 11P
   Space FPGA Configuration EEPROM
AT17LV010-10DP-E ATMEL-AT17LV010-10DP-E Datasheet
161Kb / 11P
   Space FPGA Configuration EEPROM
AT17LV010-10DP-E ATMEL-AT17LV010-10DP-E Datasheet
145Kb / 11P
   Space FPGA Configuration EEPROM
More results

Similar Description - AT17LV010-10BJC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17C002 ATMEL-AT17C002 Datasheet
255Kb / 19P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_14 Datasheet
676Kb / 23P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_08 Datasheet
637Kb / 26P
   FPGA Configuration EEPROM Memory
AT17C002A ATMEL-AT17C002A Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
AT17C020 ATMEL-AT17C020 Datasheet
218Kb / 12P
   2-megabit FPGA Configuration EEPROM Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com