Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6386 Datasheet(PDF) 1 Page - Alpha Wire

Part # 6386
Description  CUSTOMER PRODUCT SPECIFICATION
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

6386 Datasheet(HTML) 1 Page - Alpha Wire

  6386 Datasheet HTML 1Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ALPHA WIRE COMPANY
CUSTOMER PRODUCT SPECIFICATION
Part Number: 6386
Issue:
5
Page 1 of 1 Pages
Issue Date:
5/26/2005
Effective Date:
8/1/2005
Although Alpha Wire Company ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure
product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In
no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha has
been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the
use, or inability to use, the information or specifications described herein.
711 Lidgerwood Ave Elizabeth, NJ 07207-0711
Toll Free 1-800-52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com
www.alphawire.com
A.
Construction
Diameters (In)
1) Component 1
6 X 1 PAIR
a) Conductor
24 (7/32) AWG TC
b) Insulation
0.010" Wall, Nom. Polyethylene(PE)
0.044
(1) Color Code
Alpha Wire Company Color Code A
Pair
Color
Pair
Color
Pair
Color
1
BLACK-RED
3
BLACK-GREEN
5
BLACK-BROWN
2
BLACK-WHITE
4
BLACK-BLUE
6
BLACK-YELLOW
c)
Pair
2/Cond Cabled Together
(1) Twists:
9.6 Twists/foot (min)
Individually Applied:
d) Shield:
Foil Free Alum/Mylar Tape, 25% Overlap, Min.
(1) Foil Direction
Foil Facing In
(2) Drain Wire
24 (7/32) AWG TC
2) Cable Assembly
6 Components Cabled
a) Twists:
3.4 Twists/foot (min)
3) Jacket
0.035" Wall, Nom.,PVC
0.317 (0.334 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 6386 6PR 24 AWG
SHIELDED 75C (UL) TYPE CM OR AWM 2919 LOW VOLTAGE
COMPUTER CABLE --- LLXXXXXX CSA TYPE CMG FT4
ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of manufacture.]
B.
Industry Approvals
1) UL
AWM/STYLE 2919
80°C / 30 VRMS
CM
75°C
VW-1
2) CSA International
CMG
60°C
FT4
3) EU Directive 2002/95/EC(RoHS):
All materials used in the manufacture of this part are in compliance with EU
Directive 2002/95/EU regarding the restriction of use of certain hazardous
substances in electrical and electronic equipment. Consult Alpha Wire's web site for
compliance Date of Manufacture.
4) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the
requirements of California Proposition 65.
C.
Physical & Mechanical Properties
1) Temperature Range
-20 to 80°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
63 Lbs, Maximum
D.
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Characteristic Impedance
60 Ω
3) Mutual Capacitance
25 pf/ft @1 kHz, Nominal
4) Ground Capacitance
47 pf/ft @1 kHz, Nominal
5) Conductor DCR
26 Ω/1000ft @20°C, Nominal
6) Ind. Shield DC Resistance
21 Ω/1000ft @20°C, Nominal
E.
Other
1) Packaging
a) 1000 FT
b) 500 FT
c)
100 FT


Similar Part No. - 6386

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
63860-1 MACOM-63860-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
Molex Electronics Ltd.
63860-1100 MOLEX11-63860-1100 Datasheet
40Kb / 1P
   Anvil
63860-1100 MOLEX11-63860-1100 Datasheet
41Kb / 1P
   Punch
63860-1170 MOLEX11-63860-1170 Datasheet
40Kb / 1P
   Anvil
63860-1170 MOLEX11-63860-1170 Datasheet
41Kb / 1P
   Punch
More results

Similar Description - 6386

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
B963064 ALPHAWIRE-B963064 Datasheet
70Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
B963114 ALPHAWIRE-B963114 Datasheet
71Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
B964054 ALPHAWIRE-B964054 Datasheet
70Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
1134C ALPHAWIRE-1134C Datasheet
77Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
1139C ALPHAWIRE-1139C Datasheet
77Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
6373 ALPHAWIRE-6373 Datasheet
76Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
6419 ALPHAWIRE-6419 Datasheet
76Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
86406CY ALPHAWIRE-86406CY Datasheet
78Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
86504CY ALPHAWIRE-86504CY Datasheet
78Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
86703CY ALPHAWIRE-86703CY Datasheet
77Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
5902C ALPHAWIRE-5902C Datasheet
79Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com