Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145200F Datasheet(PDF) 11 Page - Motorola, Inc

Part # MC145200F
Description  2.0 GHz PLL Frequency Synthesizers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145200F Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC145200F Datasheet HTML 7Page - Motorola, Inc MC145200F Datasheet HTML 8Page - Motorola, Inc MC145200F Datasheet HTML 9Page - Motorola, Inc MC145200F Datasheet HTML 10Page - Motorola, Inc MC145200F Datasheet HTML 11Page - Motorola, Inc MC145200F Datasheet HTML 12Page - Motorola, Inc MC145200F Datasheet HTML 13Page - Motorola, Inc MC145200F Datasheet HTML 14Page - Motorola, Inc MC145200F Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
MC145200
•MC145201
MOTOROLA
11
VPD
Positive Power Supply (Pin 5)
This pin supplies power to both phase/frequency detectors
A and B. The voltage applied on this pin must be no less than
the potential applied to the VDD pin. The maximum voltage
can be + 9.5 V with respect to the GND pin for the MC145200
and + 5.5 V for the MC145201.
For optimum performance, VPD should be bypassed to
GND using a low–inductance capacitor mounted very close
to these pins. Lead lengths on the capacitor should be
minimized.
GND
Ground (Pin 7)
Common ground.
100 ns MINIMUM
12
4
5
31
2
4
5
31
2
4
5
3
Figure 13. Initializing the PLL through the Serial Port
NOTE: It may not be convenient to control the ENB or CLK pins during power up per the Pin Descriptions. If this is the case, the part may
be initialized through the serial port as shown in the figure above. The sequence is similar to accessing the registers except that the
CLK must remain high at least 100 ns after ENB is brought high. Note that 3 groups of 5 bits are needed.
CLK
Din
ENB
MC145200
Nominal PDout Spurious Current vs fR Frequency
(1 V
t PDout t VPD – 1V)
fR
(kHz)
Current
(RMS nA)
10
1.6
20
5.3
50
22
100
95
200
320
MC145201
Nominal PDout Spurious Current vs fR Frequency
(1 V
t PDout t VPD – 1V)
fR
(kHz)
Current
(RMS nA)
10
3.6
20
4.6
50
17
100
75
200
244
NOTE: For information on spurious current measurement see AN1253/D, “An Improved PLL Design Method Without
ωn and ζ”.
Table 2. PDout Current, C1 = Low with OUTPUT A NOT
Selected as “Port”; Also, Default Mode When
OUTPUT A Selected as “Port”
C3
C2
PDout Current
0
0
70%
0
1
80%
1
0
90%
1
1
100%
Table 3. PDout Current, C1 = High with OUTPUT A NOT
Selected as “Port”
C3
C2
PDout Current
0
0
25%
0
1
50%
1
0
75%
1
1
100%


Similar Part No. - MC145200F

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145202 MOTOROLA-MC145202 Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
MC145202D MOTOROLA-MC145202D Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
MC145202DT MOTOROLA-MC145202DT Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
MC145202EVK MOTOROLA-MC145202EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
MC145202F MOTOROLA-MC145202F Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
More results

Similar Description - MC145200F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7219 SANYO-LC7219 Datasheet
310Kb / 14P
   PLL Frequency Synthesizers?
LC72140 SANYO-LC72140 Datasheet
364Kb / 20P
   PLL Frequency Synthesizers
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
logo
Freescale Semiconductor...
MC145151-2 FREESCALE-MC145151-2 Datasheet
600Kb / 24P
   PLL Frequency Synthesizers (CMOS)
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com