Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1465 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SK1465
Description  Drain Current ?밒D=8A@ TC=25C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1465 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SK1465 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1465 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel Mosfet Transistor
2SK1465
·ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0; ID= 10mA
900
V
VGS(th)
Gate Threshold Voltage
VDS=10V; ID=1mA
2.0
3.0
V
RDS(on)
Drain-Source On-stage Resistance
VGS=10V; ID=4A
1.2
1.6
Ω
IGSS
Gate Source Leakage Current
VGS= ±30V;VDS= 0
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS=900V; VGS= 0
1
mA
VSD
Diode Forward Voltage
IF=8A; VGS=0
1.8
V
tr
Rise time
VGS=10V;ID=4A;RL=50Ω
80
ns
ton
Turn-on time
100
ns
tf
Fall time
150
ns
toff
Turn-off time
500
ns
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - 2SK1465

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK1465 SANYO-2SK1465 Datasheet
98Kb / 3P
   Very High-Speed Switching Applications
More results

Similar Description - 2SK1465

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK1569 ISC-2SK1569 Datasheet
66Kb / 2P
   Drain Current ?밒D=8A@ TC=25C
2SK1451 ISC-2SK1451 Datasheet
69Kb / 2P
   Drain Current ?밒D=8A@ TC=25C
2SK756 ISC-2SK756 Datasheet
67Kb / 2P
   Drain Current ?밒D=8A@ TC=25C
8N80 ISC-8N80 Datasheet
154Kb / 2P
   Drain Current ?밒D= 8A@ TC=25C
2SK1320 ISC-2SK1320 Datasheet
65Kb / 2P
   Drain Current ?밒D= 8A@ TC=25C
2SK1330 ISC-2SK1330 Datasheet
64Kb / 2P
   Drain Current ?밒D=8A@ TC=25C
2SK934 ISC-2SK934 Datasheet
67Kb / 2P
   Drain Current ?밒D=8A@ TC=25C
2SK1319 ISC-2SK1319 Datasheet
65Kb / 2P
   Drain Current ?밒D= 8A@ TC=25C
2SK1448 ISC-2SK1448 Datasheet
68Kb / 2P
   Drain Current ?밒D=8A@ TC=25C
2SK1462 ISC-2SK1462 Datasheet
68Kb / 2P
   Drain Current ?밒D=8A@ TC=25C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com