Electronic Components Datasheet Search |
|
824541751 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
824541751 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
1 / 7 page Dimensions: [mm] Scale - 4:1 1,14 ±0,38 7,94 ±0,19 6,86 ±0,25 Product Marking Marking BGR Recommended Land Pattern: [mm] Scale - 4:1 4,70 9,30 2,30 Schematic: Electrical Properties Properties Test conditions Value Unit Tol. DC Operating Voltage VDC 75 V max. (Reverse) Breakdown Voltage 1 mA VBR 87.7 V ±5% Clamping Voltage IPEAK VCLAMP 121 V max. (Reverse) Peak Pulse Current 10/ 1000 µs IPEAK 12.4 A max. Leakage Current VDC ILEAK 1 μA max. Steady State Power Dissipation TA = 50 °C PDISS 6.5 W max. Power Dissipation 1) 10/ 1000 µs PDISS 1500 W max. 1) Mounted on 8.0 mm x 8.0 mm (0.03 mm thick) Copper Pads to each terminal General Information Properties Value It is recommeded that the temperature of the component does not exceed +150°C under worst case conditions Operating Temperature TOP -65 °C up to +150 °C Storage Temperature (in original packaging) TS -40 °C up to +60 °C Test conditions of Electrical Properties: 20°C, 33% RH if not specified differently Würth Elektronik eiSos GmbH & Co. KG EMC & Inductive Solutions Max-Eyth-Str. 1 74638 Waldenburg Germany Tel. +49 (0) 79 42 945 - 0 www.we-online.com eiSos@we-online.com CREATED CHECKED GENERAL TOLERANCE PROJECTION METHOD WE WE DIN ISO 2768-1m DESCRIPTION WE-TVSP Power TVS Diode ORDER CODE 824541751 SIZE REVISION STATUS DATE BUSINESS UNIT PAGE DO-214AB 001.000 Draft 2015-11-05 eiSos 1/7 This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. |
Similar Part No. - 824541751 |
|
Similar Description - 824541751 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |