Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5255-2.9BM5 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5255-2.9BM5
Description  150mA Low Noise UCap CMOS LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5255-2.9BM5 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5255-2.9BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5255-2.9BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5255-2.9BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5255-2.9BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5255-2.9BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5255-2.9BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5255-2.9BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5255-2.9BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5255-2.9BM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MIC5255
Micrel
August, 2004
2
M0385-080204
Ordering Information
Part Number
Marking
Voltage
Temperature Range
Package
Standard
Pb-Free
Standard Pb-Free
MIC5255-2.5BM5
MIC5255-2.5YM5
LW25
LW25
2.5V
–40
°C to +125°C
SOT-23-5
MIC5255-2.6BM5
MIC5255-2.6YM5
LW26
LW26
2.6V
–40
°C to +125°C
SOT-23-5
MIC5255-2.7BM5
MIC5255-2.7YM5
LW27
LW27
2.7V
–40
°C to +125°C
SOT-23-5
MIC5255-2.8BM5
MIC5255-2.8YM5
LW28
LW28
2.8V
–40
°C to +125°C
SOT-23-5
MIC5255-2.8BML
MIC5255-2.8YML
W28
W28
2.8V
–40
°C to +125°C
6-Pin 2
×2 MLF™
MIC5255-2.85BM5 MIC5255-2.85YM5
LW2J
LW2J
2.85V
–40
°C to +125°C
SOT-23-5
MIC5255-2.9BM5
MIC5255-2.9YM5
LW29
LW29
2.9V
–40
°C to +125°C
SOT-23-5
MIC5255-3.0BM5
MIC5255-3.0YM5
LW30
LW30
3.0V
–40
°C to +125°C
SOT-23-5
MIC5255-3.0BML
MIC5255-3.0YML
W30
W30
3.0V
–40
°C to +125°C
6-Pin 2
×2 MLF™
MIC5255-3.1BM5
MIC5255-3.1YM5
LW31
LW31
3.1V
–40
°C to +125°C
SOT-23-5
MIC5255-3.2BM5
MIC5255-3.2YM5
LW32
LW32
3.2V
–40
°C to +125°C
SOT-23-5
MIC5255-3.3BM5
MIC5255-3.3YM5
LW33
LW33
3.3V
–40
°C to +125°C
SOT-23-5
MIC5255-2.6BD5
MIC5255-2.6YD5
NW26
NW26
2.6V
–40
°C to +125°C
TSOT-23-5
MIC5255-2.7BD5
MIC5255-2.7YD5
NW27
NW27
2.7V
–40
°C to +125°C
TSOT-23-5
MIC5255-2.8BD5
MIC5255-2.8YD5
NW28
NW28
2.8V
–40
°C to +125°C
TSOT-23-5
MIC5255-2.85BD5 MIC5255-2.85YD5
NW2J
NW2J
2.85V
–40
°C to +125°C
TSOT-23-5
MIC5255-2.9BD5
MIC5255-2.9YD5
NW29
NW2J
2.9V
–40
°C to +125°C
TSOT-23-5
MIC5255-3.0BD5
MIC5255-3.0YD5
NW30
NW2J
3.0V
–40
°C to +125°C
TSOT-23-5
MIC5255-3.3BD5
MIC5255-3.3YD5
NW33
NW2J
3.3V
–40
°C to +125°C
TSOT-23-5


Similar Part No. - MIC5255-2.9BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5255-2.9BM5 MICREL-MIC5255-2.9BM5 Datasheet
953Kb / 13P
   150mA Low Noise Cap CMOS LDO
More results

Similar Description - MIC5255-2.9BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
   150mA uCap LDO Regulator
MIC5268 MICREL-MIC5268 Datasheet
55Kb / 9P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5255 MICREL-MIC5255_06 Datasheet
953Kb / 13P
   150mA Low Noise Cap CMOS LDO
MIC5248 MICREL-MIC5248 Datasheet
64Kb / 12P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5259 MICREL-MIC5259 Datasheet
3Mb / 9P
   300mA High PSRR, Low Noise UCap CMOS LDO
MIC5258 MICREL-MIC5258 Datasheet
70Kb / 12P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC5256 MICREL-MIC5256 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com