Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2211-YMBML Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2211-YMBML
Description  Dual UCap LDO in 3mm3mm MLF?
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2211-YMBML Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC2211-YMBML Datasheet HTML 1Page - Micrel Semiconductor MIC2211-YMBML Datasheet HTML 2Page - Micrel Semiconductor MIC2211-YMBML Datasheet HTML 3Page - Micrel Semiconductor MIC2211-YMBML Datasheet HTML 4Page - Micrel Semiconductor MIC2211-YMBML Datasheet HTML 5Page - Micrel Semiconductor MIC2211-YMBML Datasheet HTML 6Page - Micrel Semiconductor MIC2211-YMBML Datasheet HTML 7Page - Micrel Semiconductor MIC2211-YMBML Datasheet HTML 8Page - Micrel Semiconductor MIC2211-YMBML Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MIC2211
Micrel
M9999-090204
6
August 2004
0
5
10
15
20
25
30
35
0
50
100
150
OUTPUT 1 LOAD CURRENT (mA)
Ground Current
vs. Output Current
LDO1 Only
LDO2 Disabled (V
EN2 = LOW)
LDO1
0
5
10
15
20
25
30
35
0
50
100 150 200 250 300
OUTPUT 2 LOAD CURRENT (mA)
Ground Current
vs. Output Current
LDO2 Only
LDO1 Disabled (V
EN1 = LOW)
LDO2
0
10
20
30
40
50
60
0
50
100
150
OUTPUT 1 LOAD CURRENT (mA)
Ground Current
vs. Output Current
Both LDOs Active
LDO2 = 300mA
Output Current LDO1
Varied from 0 to Full Load
Both Enabled
0
10
20
30
40
50
60
0
50
100 150 200 250 300
OUTPUT 2 LOAD CURRENT (mA)
Ground Current
vs. Output Current
Both LDOs Active
LDO1 = 150mA
Output Current LDO2
Varied from 0 to Full Load
Both Enabled
Typical Characteristics (cont.)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
2.25 2.75 3.25 3.75 4.25 4.75 5.25
SUPPLY VOLTAGE (V)
Enable Voltage Threshold
vs. Supply Voltage
2.65
2.70
2.75
2.80
2.85
2.90
2.95
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Output Voltage 2
vs. Temperature
100
µA load
2.85
2.90
2.95
3.00
3.05
3.10
3.15
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Output Voltage 1
vs. Temperature
100
µA load
2.820
2.825
2.830
2.835
2.840
2.845
2.850
2.855
2.860
2.865
2.870
0
50
100 150 200 250 300
OUTPUT 2 LOAD CURRENT (mA)
Output Voltage
vs. Load Current
2.580
2.585
2.590
2.595
2.600
2.605
2.610
0
25
50
75
100 125 150
OUTPUT 1 LOAD CURRENT (mA)
Output Voltage
vs. Load Current


Similar Part No. - MIC2211-YMBML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2210 MICREL-MIC2210 Datasheet
744Kb / 12P
   Dual Cap LDO with Open-Drain Driver
MIC2210 MICREL-MIC2210 Datasheet
1,005Kb / 11P
   Dual 關Cap LDO with Open-Drain Driver
MIC2210-1.5/2.8BML MICREL-MIC2210-1.5/2.8BML Datasheet
1,005Kb / 11P
   Dual 關Cap LDO with Open-Drain Driver
MIC2210-1.6YML MICREL-MIC2210-1.6YML Datasheet
744Kb / 12P
   Dual Cap LDO with Open-Drain Driver
MIC2210-1.8 MICREL-MIC2210-1.8 Datasheet
744Kb / 12P
   Dual Cap LDO with Open-Drain Driver
More results

Similar Description - MIC2211-YMBML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
logo
Linear Technology
LTC3210 LINER-LTC3210 Datasheet
242Kb / 16P
   MAIN/CAM LED Controller in 3mm 횞 3mm QFN
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
   I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
LTC4413-1 LINER-LTC4413-1 Datasheet
195Kb / 16P
   Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes in 3mm 횞 3mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
LTC2641 LINER-LTC2641 Datasheet
303Kb / 20P
   16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
logo
Power IC Ltd.
PL2211 PICSEMI-PL2211_07 Datasheet
261Kb / 9P
   Dual Low Noise LDO in 3mm횞3mm MLF
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com