Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5255-3.0BML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5255-3.0BML
Description  150mA Low Noise UCap CMOS LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5255-3.0BML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5255-3.0BML Datasheet HTML 1Page - Micrel Semiconductor MIC5255-3.0BML Datasheet HTML 2Page - Micrel Semiconductor MIC5255-3.0BML Datasheet HTML 3Page - Micrel Semiconductor MIC5255-3.0BML Datasheet HTML 4Page - Micrel Semiconductor MIC5255-3.0BML Datasheet HTML 5Page - Micrel Semiconductor MIC5255-3.0BML Datasheet HTML 6Page - Micrel Semiconductor MIC5255-3.0BML Datasheet HTML 7Page - Micrel Semiconductor MIC5255-3.0BML Datasheet HTML 8Page - Micrel Semiconductor MIC5255-3.0BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MIC5255
Micrel
August, 2004
4
M0385-080204
Electrical Characteristics(5)
V
IN = VOUT + 1V, VEN = VIN; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Conditions
Min
Typical
Max
Units
V
O
Output Voltage Accuracy
I
OUT = 100µA
–11
%
–22
%
∆V
LNR
Line Regulation
V
IN = VOUT + 1V to 6V
0.02
0.05
%/V
∆V
LDR
Load Regulation
I
OUT = 0.1mA to 150mA
(6)
1.5
2.5
%
V
IN – VOUT
Dropout Voltage(7)
I
OUT = 100µA
0.1
5
mV
I
OUT = 100mA
90
150
mV
I
OUT = 150mA
135
200
mV
250
mV
I
Q
Quiescent Current
V
EN ≤ 0.4V (shutdown)
0.2
1
µA
I
GND
Ground Pin Current(8)
I
OUT = 0mA
90
150
µA
I
OUT = 150mA
117
µA
PSRR
Ripple Rejection
f = 10Hz, C
OUT = 1.0µF, CBYP = 0.01µF60
dB
f = 100Hz, V
IN = VOUT +1
60
dB
f = 10kHz, V
IN = VOUT +1
50
dB
I
LIM
Current Limit
V
OUT = 0V
160
425
mA
e
n
Output Voltage Noise
C
OUT = 1.0µF, CBYP = 0.01µF,
30
µV(rms)
f = 10Hz to 100kHz
Enable Input
V
IL
Enable Input Logic-Low Voltage
V
IN = 2.7V to 5.5V, regulator shutdown
0.4
V
V
IH
Enable Input Logic-High Voltage
V
IN = 2.7V to 5.5V, regulator enabled
1.6
V
I
EN
Enable Input Current
V
IL ≤ 0.4V, regulator shutdown
0.01
µA
V
IH ≥ 1.6V, regulator enabled
0.01
µA
Shutdown Resistance Discharge
500
Thermal Protection
Thermal Shutdown Temperature
150
°C
Thermal Shutdown Hysteresis
10
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any T
A (ambient temperature) is PD(max) = (TJ(max)–TA)/θJA. Exceeding the maximum allowable
power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown. The
θ
JA of the MIC5255-x.xBM5 (all
versions) is 235
°C/W on a PC board. See “Thermal Considerations” section for further details.
4. Devices are ESD sensitive. Handling precautions recommended.
5. Specification for packaged product only.
6. Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation in the load range
from 0.1mA to 150mA. Changes in output voltage due to heating effects are covered by the thermal regulation specification.
7. Dropout Voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value measured at 1V differen-
tial. For outputs below 2.7V, dropout voltage is the input-to-output voltage differential with the minimum input voltage 2.7V. Minimum input operating
voltage is 2.7V.
8. Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum of the load current plus the ground pin current.
Absolute Maximum Ratings(1)
Supply Input Voltage (V
IN) .................................. 0V to +7V
Enable Input Voltage (V
EN) ................................. 0V to +7V
Power Dissipation (P
D) ........................ Internally Limited
(3)
Junction Temperature (T
J) ....................... –40°C to +125°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
ESD(4) .............................................................................................. 2kV
Operating Ratings(2)
Input Voltage (V
IN) ......................................... +2.7V to +6V
Enable Input Voltage (V
EN) .................................. 0V to VIN
Junction Temperature (T
J) ....................... –40°C to +125°C
Thermal Resistance
SOT-23
JA) ..................................................... 235°C/W
2
×2 MLF™ (θ
JA) .................................................. 90°C/W


Similar Part No. - MIC5255-3.0BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5255-3.0BML MICREL-MIC5255-3.0BML Datasheet
953Kb / 13P
   150mA Low Noise Cap CMOS LDO
More results

Similar Description - MIC5255-3.0BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
   150mA uCap LDO Regulator
MIC5268 MICREL-MIC5268 Datasheet
55Kb / 9P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5255 MICREL-MIC5255_06 Datasheet
953Kb / 13P
   150mA Low Noise Cap CMOS LDO
MIC5248 MICREL-MIC5248 Datasheet
64Kb / 12P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5259 MICREL-MIC5259 Datasheet
3Mb / 9P
   300mA High PSRR, Low Noise UCap CMOS LDO
MIC5258 MICREL-MIC5258 Datasheet
70Kb / 12P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC5256 MICREL-MIC5256 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com