Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APV-16E-12 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # APV-16E-12
Description  16W Single Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

APV-16E-12 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  APV-16E-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. APV-16E-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. APV-16E-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
■ Description
APV-16E series is one 16W AC/DC constant voltage mode single output LED power supply.It accepts
input 180~264VAC and provides four models with different output voltage, 5V, 12V, 15V,24V,
respectively, that the small wattage LED applications employ the most frequently.Exploiting Class II
design (without FG pin) and adopting the 94V-0 flame retardant plastic enclosure, APV-16E ideally fits
the entry-level LED applications.
Indoor LED lighting
LED decorative lighting
LED office lighting
LED signage
■ Features
■ Applications
File Name:APV-16E-SPEC 2015-12-22
■ Model Encoding
-15
APV - 16E
Output voltage
Output wattage
Series name
16W Single Output Switching Power Supply
APV-16E series
110
SELV
F
LPS IP42
Constant voltage design
Protections: Short circuit / Over load / Over voltage
Fully isolated plastic case
Cooling by free air convection
Small and compact size
Class
power unit, no FG
No load power consumption <0.5W
Pass LPS
IP42 design
Suitable for LED lighting and moving sign applications
100% full load burn-in test
Low cost, high reliability
2 years warranty


Similar Part No. - APV-16E-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
APV-16 MEANWELL-APV-16 Datasheet
182Kb / 2P
   16W Single Output Switching Power Supply
APV-16-12 MEANWELL-APV-16-12 Datasheet
182Kb / 2P
   16W Single Output Switching Power Supply
APV-16-12 MEANWELL-APV-16-12 Datasheet
793Kb / 2P
   16W Single Output Switching Power Supply
APV-16-15 MEANWELL-APV-16-15 Datasheet
182Kb / 2P
   16W Single Output Switching Power Supply
APV-16-15 MEANWELL-APV-16-15 Datasheet
793Kb / 2P
   16W Single Output Switching Power Supply
More results

Similar Description - APV-16E-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
APC-16 MEANWELL-APC-16 Datasheet
187Kb / 2P
   16W Single Output Switching Power Supply
APC-16E MEANWELL-APC-16E Datasheet
75Kb / 3P
   16W Single Output Switching Power Supply
APC-16 MEANWELL-APC-16_12 Datasheet
775Kb / 2P
   16W Single Output Switching Power Supply
LPF-16 MEANWELL-LPF-16_12 Datasheet
155Kb / 3P
   16W Single Output Switching Power Supply
APV-16 MEANWELL-APV-16 Datasheet
182Kb / 2P
   16W Single Output Switching Power Supply
APV-16 MEANWELL-APV-16_12 Datasheet
793Kb / 2P
   16W Single Output Switching Power Supply
LPF-16D MEANWELL-LPF-16D_12 Datasheet
177Kb / 4P
   16W Single Output Switching Power Supply
PLD-16 MEANWELL-PLD-16 Datasheet
106Kb / 3P
   16W Single Output LED Power Supply
PLD-16 MEANWELL-PLD-16_12 Datasheet
201Kb / 3P
   16W Single Output LED Power Supply
PCD-16 MEANWELL-PCD-16_12 Datasheet
221Kb / 4P
   16W Single Output AC Dimmable LED Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com