Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC-150-500 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # LPC-150-500
Description  150W Single Output LED Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPC-150-500 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  LPC-150-500 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPC-150-500 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAX. No. of PSUs on 16A
CIRCUIT BREAKER
3 units (circuit breaker of type B) / 6 units (circuit breaker of type C) at 230VAC
SPECIFICATION
MODEL
RATED CURRENT
RATED POWER
OUTPUT
SETUP, RISE TIME
HOLD UP TIME (Typ.)
VOLTAGE RANGE
Note.2
FREQUENCY RANGE
EFFICIENCY (Typ.)
AC CURRENT (Typ.)
INPUT
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
SAFETY STANDARDS
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER TEMPERATURE
OVER VOLTAGE
16ms/230VAC at full load
1000ms, 80ms / 230VAC at full load
180 ~ 305VAC
254VDC ~ 431VDC
47 ~ 63Hz
1.7 A / 230VAC
1.5A / 277VAC
<0.25mA / 277VAC
-25 ~ +50
(Refer to "Derating Curve")
10 ~ 95% RH non-condensing
-40 ~ +70
, 10 ~ 95% RH
±0.03%/ (0 ~ 50 )
℃℃
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
RIPPLE CURRENT
ENVIRONMENT
SAFETY &
EMC
PROTECTION
440 ~ 470V
Protection type : Shut down and latch off o/p voltage re-power on to recovery
SHORT CIRCUIT
90%
±5%
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature.
2. Derating may be needed under low input voltages. Please check the static characteristics for more details.
3. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
4. Refer to warranty statement.
5. Constant current operation region is within 50% ~100% rated output voltage. This is the suitable operation region for LEDrelated applications, but please
reconfirm special electrical requirements for some specific system design.
6. Suitable for indoor use or outdoor use without direct sunlight exposure, please avoid immerse in the water over 30minutes.
7. The unit might not be suitable for lighting applications in EU countries. Please check with your local authorities for the possible use of the unit.
Compliance to EN61000-4-2,3,4,5,6,8,11, EN55024, light industry level , criteria A
350mA
150.5W
215 ~ 430V
107V ~ 215V
54V ~ 108V
36V ~ 72V
27V ~ 54V
I/P-O/P:3KVAC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
235 ~ 265V
115 ~ 135V
80 ~ 97V
63 ~ 75V
700mA
1400mA
2100mA
2800mA
150.5W
151.2W
151.2W
151.2W
Features :
Constant current design
180~305VAC input only
High efficiency up to 90%
Protections: Short circuit / Over voltage / Over temperature
Cooling by free air convection
Fully encapsulated with IP67 level (Note.6)
Fully isolated plastic case
Class
power unit, no FG
Suitable for LEDlighting and moving sign application (Note.7)
100% full load burn-in test
Low cost, high reliability
2 years warranty (Note.4)
150W Single Output LED Power Supply
LPC-150 series
File Name:LPC-150-SPEC 2015-05-28
EMC IMMUNITY
EMC EMISSION
CURRENT ACCURACY
±5.0%
Compliance to EN55022(CISPR22) Class B; EN61000-3-2 Class A(≤80% load); EN61000-3-3
CONSTANT CURRENT REGION Note.5
RIPPLE & NOISE
2Vp-p
1Vp-p
1Vp-p
1Vp-p
1Vp-p
479K hrs min.
MIL-HDBK-217F (25
)
191*63*37.5mm (L*W*H)
0.74Kg; 20pcs/15.8Kg/0.95CUFT
LINE REGULATION
±1%
COLD START 40A(t
=750 s measured at 50% I
) at 230VAC
width
peak
μ
Shut down o/p voltage, recovers automatically after temperature goes down
Hiccup mode, recovers automatically after fault condition is removed
150 ~ 300V
LPC-150-1050 LPC-150-1400 LPC-150-1750 LPC-150-2100 LPC-150-2450 LPC-150-2800 LPC-150-3150
500mA
1050mA
1750mA
2450mA
3150mA
72V ~ 144V
43V ~ 86V
31V ~ 62V
24V ~ 48V
150W
151.2W
150.5W
151.9W
151.2W
1.5Vp-p
1Vp-p
1Vp-p
1Vp-p
1Vp-p
330 ~ 365V
158 ~ 188V
96 ~ 115V
69 ~ 80V
55 ~ 65V
IP67 approved; refer to EN60950-1
IP67
LPC-150-350 LPC-150-500 LPC-150-700
VOLTAGE TOLERANCE
±2.0%


Similar Part No. - LPC-150-500

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPC-100 MEANWELL-LPC-100 Datasheet
73Kb / 2P
   100W Single Output LED Power Supply
LPC-100-1050 MEANWELL-LPC-100-1050 Datasheet
73Kb / 2P
   100W Single Output LED Power Supply
LPC-100-1400 MEANWELL-LPC-100-1400 Datasheet
73Kb / 2P
   100W Single Output LED Power Supply
LPC-100-1750 MEANWELL-LPC-100-1750 Datasheet
73Kb / 2P
   100W Single Output LED Power Supply
LPC-100-2100 MEANWELL-LPC-100-2100 Datasheet
73Kb / 2P
   100W Single Output LED Power Supply
More results

Similar Description - LPC-150-500

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ELG-150-C MEANWELL-ELG-150-C Datasheet
177Kb / 8P
   150W Single Output LED Power Supply
HLG-120H-C MEANWELL-HLG-120H-C Datasheet
406Kb / 6P
   150W Single Output LED Power Supply
HVGC-150 MEANWELL-HVGC-150 Datasheet
261Kb / 6P
   150W Single Output LED Power Supply
HVGC-150 MEANWELL-HVGC-150_13 Datasheet
379Kb / 7P
   150W Single Output LED Power Supply
logo
Total Power Internation...
RS-150 TOTAL-POWER-RS-150 Datasheet
495Kb / 2P
   150W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
SC-150 MEANWELL-SC-150_10 Datasheet
425Kb / 2P
   150W Single Output Switching Power Supply
SC-150 MEANWELL-SC-150 Datasheet
102Kb / 2P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150 Datasheet
316Kb / 6P
   150W Single Output Switching Power Supply
S-150 MEANWELL-S-150_10 Datasheet
417Kb / 2P
   150W Single Output Switching Power Supply
CLG-150 MEANWELL-CLG-150_11 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com