Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF19125S Datasheet(PDF) 6 Page - Motorola, Inc

Part # MRF19125S
Description  RF Sub-Micron MOSFET Line N-Channel Enhancement-Mode Lateral MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF19125S Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MRF19125S Datasheet HTML 2Page - Motorola, Inc MRF19125S Datasheet HTML 3Page - Motorola, Inc MRF19125S Datasheet HTML 4Page - Motorola, Inc MRF19125S Datasheet HTML 5Page - Motorola, Inc MRF19125S Datasheet HTML 6Page - Motorola, Inc MRF19125S Datasheet HTML 7Page - Motorola, Inc MRF19125S Datasheet HTML 8Page - Motorola, Inc MRF19125S Datasheet HTML 9Page - Motorola, Inc MRF19125S Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MRF19125 MRF19125S MRF19125SR3
6
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
-55
-50
-45
-40
-35
-30
-25
-20
10
150
4
Figure 3. 2-Carrier CDMA ACPR, IM3, Power Gain and
Drain Efficiency versus Output Power
Figure 4. Intermodulation Distortion
Products versus Output Power
Pout, OUTPUT POWER (WATTS) PEP
Figure 5. Third Order Intermodulation
Distortion versus Output Power
Pout, OUTPUT POWER (WATTS Avg.) NCDMA
f, FREQUENCY (MHz)
Figure 6. 2-Carrier N-CDMA Broadband
Performance
Figure 7. CW Performance
0
5
10
15
20
25
30
-70
-63
-56
-49
-42
-35
-28
110
40
VDD = 26 Vdc, IDQ = 1300 mA
f1 = 1958.75 MHz, f2 = 1961.25 MHz
1.2288 MHz Channel Bandwidth
Peak/Avg. = 9.8 dB @ 0.01% Probability (CCDF)
-70
-60
-50
-40
-30
-20
5
11
23
29
35
41
10
150
η
4
Pout, OUTPUT POWER (WATTS) PEP
VDD = 26 Vdc
IDQ = 1300 mA
f = 1960 MHz
100 kHz Tone Spacing
1100 mA
1700 mA
1300 mA
IDQ = 900 mA
1500 mA
12
14
16
18
20
22
24
-60
-50
-40
-30
-20
-10
0
1930
1940
1950
1960 1970
1980
2000
VDD = 26 Vdc
Pout = 24 Watts (Avg.)
IDQ = 1300 mA
2Carrier NCDMA, 2.5 MHz Carrier Spacing
1.2288 MHz Channel Bandwidth
Peak/Avg. = 9.8 @ 0.01% Probability (CCDF)
Gps
ACPR
η
IRL
Pout, OUTPUT POWER (WATTS)
0
2
4
6
8
10
12
14
0
8
16
24
32
40
48
56
10
100
2
200
VDD = 26 Vdc
IDQ = 1300 mA
f = 1960 MHz
Gps
P in
η
η
IM3
Gps
ACPR
17
100
-80
7th Order
5th Order
3rd Order
100
VDD = 26 Vdc
f = 1960 MHz
100 kHz Tone Spacing
1920
1990
IM3
33
34
35
36
37
38
-32
-31
-30
-29
-28
-27
24
24.5
25
25.5
26
26.5
27
27.5
28
VDD, DRAIN SUPPLY (V)
Figure 8. Two-Tone Intermodulation Distortion and
Drain Efficiency versus Drain Supply
η
IDQ = 1300 mA
f = 1960 MHz
100 kHz Tone Spacing
IMD
32
-33


Similar Part No. - MRF19125S

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF19125SR3 FREESCALE-MRF19125SR3 Datasheet
415Kb / 12P
   RF Power Field Effect Transistors
More results

Similar Description - MRF19125S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9060MR1 MOTOROLA-MRF9060MR1 Datasheet
422Kb / 12P
   The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRF9030MR1 FREESCALE-MRF9030MR1 Datasheet
620Kb / 12P
   The RF Sub-Micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-Channel Enhancement-Mode Lateral MOSFETs
logo
Motorola, Inc
MRF9030MR1 MOTOROLA-MRF9030MR1 Datasheet
452Kb / 12P
   The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9030LR1 MOTOROLA-MRF9030LR1 Datasheet
547Kb / 12P
   The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF21120 MOTOROLA-MRF21120 Datasheet
401Kb / 8P
   The RF Sub-Micron MOSFET Line RF Power Field Effect Trasistor N-Channel Enhancement-Mode Lateral MOSFET
MRF9045M MOTOROLA-MRF9045M Datasheet
144Kb / 8P
   The RF Sub-Micron MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF5S21100LR3 MOTOROLA-MRF5S21100LR3 Datasheet
564Kb / 12P
   The RF MOSFET Line RF Power Field Effect N-Channel Enhancement-Mode Lateral MOSFETs
MRF373 MOTOROLA-MRF373 Datasheet
217Kb / 12P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1517T1 MOTOROLA-MRF1517T1 Datasheet
345Kb / 16P
   The RF MOSFET Line RF POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETS
MRF5S19100HR3 MOTOROLA-MRF5S19100HR3 Datasheet
726Kb / 12P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com