Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBC12429FN Datasheet(PDF) 5 Page - ON Semiconductor

Part # NBC12429FN
Description  3.3V/5V Programmable PLL Synthesized Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBC12429FN Datasheet(HTML) 5 Page - ON Semiconductor

  NBC12429FN Datasheet HTML 1Page - ON Semiconductor NBC12429FN Datasheet HTML 2Page - ON Semiconductor NBC12429FN Datasheet HTML 3Page - ON Semiconductor NBC12429FN Datasheet HTML 4Page - ON Semiconductor NBC12429FN Datasheet HTML 5Page - ON Semiconductor NBC12429FN Datasheet HTML 6Page - ON Semiconductor NBC12429FN Datasheet HTML 7Page - ON Semiconductor NBC12429FN Datasheet HTML 8Page - ON Semiconductor NBC12429FN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NBC12429
http://onsemi.com
5
DC CHARACTERISTICS (VCC = 3.3 V ± 5%)
0
°C
25
°C
70
°C
Symbol
Characteristic
Condition
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VIH
LVCMOS/
LVTTL
Input HIGH Voltage
VCC = 3.3 V
2.0
-
-
2.0
-
-
2.0
-
-
V
VIL
LVCMOS/
LVTTL
Input LOW Voltage
VCC = 3.3 V
-
-
0.8
-
-
0.8
-
-
0.8
V
IIN
Input Current
-
-
1.0
-
-
1.0
-
-
1.0
mA
VOH
Output HIGH Voltage
TEST
IOH = -0.8 mA
2.5
-
-
2.5
-
-
2.5
-
-
V
VOL
Output LOW Voltage
TEST
IOL = 0.8 mA
-
-
0.4
-
-
0.4
-
-
0.4
V
VOH
PECL
Output HIGH Voltage
FOUT
FOUT
VCC = 3.3 V
(Notes 3, 4)
2.155
-
2.405
2.155
-
2.405
2.155
-
2.405
V
VOL
PECL
Output LOW Voltage
FOUT
FOUT
VCC = 3.3 V
(Notes 3, 4)
1.355
-
1.605
1.355
-
1.605
1.355
-
1.605
V
ICC
Power Supply Current
VCC
PLL_VCC
48
18
56
22
70
26
48
18
58
22
70
26
48
18
61
22
70
26
mA
mA
3. FOUT/FOUT output levels will vary 1:1 with VCC variation.
4. FOUT/FOUT outputs are terminated through a 50 W resistor to VCC - 2.0 V.
DC CHARACTERISTICS (VCC = 5.0 V ± 5%)
0
°C
25
°C
70
°C
Symbol
Characteristic
Condition
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VIH
CMOS/
TTL
Input HIGH Voltage
VCC = 5.0 V
2.0
-
-
2.0
-
-
2.0
-
-
V
VIL
CMOS/
TTL
Input LOW Voltage
VCC = 5.0 V
-
-
0.8
-
-
0.8
-
-
0.8
V
IIN
Input Current
-
-
1.0
-
-
1.0
-
-
1.0
mA
VOH
Output HIGH Voltage
TEST
IOH = -0.8 mA
2.5
-
-
2.5
-
-
2.5
-
-
V
VOL
Output LOW Voltage
TEST
IOL = 0.8 mA
-
-
0.4
-
-
0.4
-
-
0.4
V
VOH
PECL
Output HIGH Voltage
FOUT
FOUT
VCC = 5.0 V
(Notes 5, 6)
3.855
-
4.105
3.855
-
4.105
3.855
-
4.105
V
VOL
PECL
Output LOW Voltage
FOUT
FOUT
VCC = 5.0 V
(Notes 5, 6)
3.055
-
3.305
3.055
-
3.305
3.055
-
3.305
V
ICC
Power Supply Current
VCC
PLL_VCC
50
19
58
23
75
27
50
19
60
23
75
27
50
19
65
23
75
27
mA
mA
5. FOUT/FOUT output levels will vary 1:1 with VCC variation.
6. FOUT/FOUT outputs are terminated through a 50 W resistor to VCC - 2.0 volts.


Similar Part No. - NBC12429FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12429FN ONSEMI-NBC12429FN Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12429FN ONSEMI-NBC12429FN Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12429FNG ONSEMI-NBC12429FNG Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12429FNG ONSEMI-NBC12429FNG Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12429FNR2 ONSEMI-NBC12429FNR2 Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
More results

Similar Description - NBC12429FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
NBC12429 ONSEMI-NBC12429_07 Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12439 ONSEMI-NBC12439_07 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12430 ONSEMI-NBC12430_06 Datasheet
238Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
NBC12429 ONSEMI-NBC12429_09 Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12430 ONSEMI-NBC12430 Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
   DUAL 3.3V PLL CLOCK GENERATOR
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com