Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HHM1917A5 Datasheet(PDF) 2 Page - TDK Electronics

Part # HHM1917A5
Description  Multilayer Balun
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HHM1917A5 Datasheet(HTML) 2 Page - TDK Electronics

  HHM1917A5 Datasheet HTML 1Page - TDK Electronics HHM1917A5 Datasheet HTML 2Page - TDK Electronics HHM1917A5 Datasheet HTML 3Page - TDK Electronics HHM1917A5 Datasheet HTML 4Page - TDK Electronics HHM1917A5 Datasheet HTML 5Page - TDK Electronics HHM1917A5 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20150421 / rf_balun_hhm1917a5_en.fm
20150421 / rf_balun_hhm1917a5_en.fm
Multilayer Balun
For 2400–2500MHz
SHAPES AND DIMENSIONS
RECOMMENDED LAND PATTERN
HHM1917A5
Conformity to RoHS Directive
Dimensions in mm
0.12±0.07
0.30±0.10
0.40max.
1.00±0.05
1
Balanced port
2
Unbalanced port
3
Balanced port
4
GND or DC feed + RF GND
Terminal functions
(1)
(2)
(3)
(4)
[Top view]
[Bottom view]
Marking
Dimensions in mm
0.30
0.20
0.70
0.45
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/


Similar Part No. - HHM1917A5

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HHM1918A2 TDK-HHM1918A2 Datasheet
69Kb / 6P
   Multilayer Balun
More results

Similar Description - HHM1917A5

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HHM1904A1 TDK-HHM1904A1 Datasheet
68Kb / 6P
   Multilayer Balun
HHM1905C2 TDK-HHM1905C2 Datasheet
71Kb / 6P
   Multilayer Balun
HHM1907B1 TDK-HHM1907B1 Datasheet
69Kb / 6P
   Multilayer Balun
HHM1710J1 TDK-HHM1710J1 Datasheet
68Kb / 6P
   Multilayer Balun
HHM1522B1 TDK-HHM1522B1_15 Datasheet
69Kb / 6P
   Multilayer Balun
HHM1526 TDK-HHM1526_15 Datasheet
69Kb / 6P
   Multilayer Balun
HHM1545 TDK-HHM1545 Datasheet
68Kb / 6P
   Multilayer Balun
HHM1570B1 TDK-HHM1570B1_15 Datasheet
71Kb / 6P
   Multilayer Balun
HHM1583B1 TDK-HHM1583B1_15 Datasheet
72Kb / 6P
   Multilayer Balun
HHM1591D1 TDK-HHM1591D1 Datasheet
68Kb / 6P
   Multilayer Balun
HHM1524B1 TDK-HHM1524B1_15 Datasheet
68Kb / 6P
   Multilayer Balun
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com