Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HHM2293A1 Datasheet(PDF) 1 Page - TDK Electronics

Part # HHM2293A1
Description  Multilayer 3dB Divider
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HHM2293A1 Datasheet(HTML) 1 Page - TDK Electronics

  HHM2293A1 Datasheet HTML 1Page - TDK Electronics HHM2293A1 Datasheet HTML 2Page - TDK Electronics HHM2293A1 Datasheet HTML 3Page - TDK Electronics HHM2293A1 Datasheet HTML 4Page - TDK Electronics HHM2293A1 Datasheet HTML 5Page - TDK Electronics HHM2293A1 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
May 2015
Multilayer 3dB Divider
For 2400-2500MHz
HHM2293A1
1.6x0.8mm [EIA 0603]*
* Dimensions Code JIS[EIA]
RF Com pon e n t s


Similar Part No. - HHM2293A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HHM2202SA2 TDK-HHM2202SA2 Datasheet
29Kb / 2P
   MULTILAYER DIRECTIONAL COUPLER
HHM2204SA1 TDK-HHM2204SA1 Datasheet
51Kb / 2P
   Multilayer Chip Directional Couplers
HHM22106C1 TDK-HHM22106C1 Datasheet
86Kb / 2P
   MULTILAYER DIRECTIONAL COUPLER
HHM22137A2 TDK-HHM22137A2 Datasheet
78Kb / 6P
   Multilayer Directional Coupler
HHM22152A2 TDK-HHM22152A2 Datasheet
554Kb / 9P
   Multilayer Directional Coupler
More results

Similar Description - HHM2293A1

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
FSLC-C160W HITACHI-FSLC-C160W Datasheet
33Kb / 4P
   1.5-2.0GHz Band Chip Multilayer 90deg.3dB Splitter
logo
Hitachi Metals, Ltd
FSLC-045P HITACHI-METALS-FSLC-045P Datasheet
23Kb / 1P
   450 MHz Band Chip Multilayer 90deg. / 3dB Splitter
FSLC-090P HITACHI-METALS-FSLC-090P Datasheet
23Kb / 1P
   900 MHz Band Chip Multilayer 90deg. / 3dB Splitter
logo
American Accurate Compo...
JXMBDQ-T-1880-1920 AAC-JXMBDQ-T-1880-1920 Datasheet
168Kb / 1P
   1900MHz 3dB Hybrid
JXMBDQ-T-800-1000 AAC-JXMBDQ-T-800-1000 Datasheet
234Kb / 1P
   900MHz 3dB Hybrid
logo
Hitachi Metals, Ltd
FSLC-C090U HITACHI-METALS-FSLC-C090U Datasheet
33Kb / 4P
   4532 Size 800-1000MHz Band Chip Multilayer 90deg.3dB Splitter
logo
Abracon Corporation
ABHC-N-1700-2200MHZ ABRACON-ABHC-N-1700-2200MHZ Datasheet
4Mb / 3P
   3dB; 90? HYBRID COUPLER
12.04.15
logo
DB Lectro Inc
PMO4015SNQ DBLECTRO-PMO4015SNQ Datasheet
362Kb / 2P
   Within-3dB at 1.5V
logo
American Accurate Compo...
LLHB6801-0200-G AAC-LLHB6801-0200-G Datasheet
104Kb / 1P
   Hybrid Coupler 3dB 90째
JXWBOH-T-2.4-6 AAC-JXWBOH-T-2.4-6 Datasheet
74Kb / 1P
   3dB Directional 90째 Coupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com