Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HHM2910E1 Datasheet(PDF) 5 Page - TDK Electronics

Part # HHM2910E1
Description  Multilayer Directional Coupler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HHM2910E1 Datasheet(HTML) 5 Page - TDK Electronics

  HHM2910E1 Datasheet HTML 1Page - TDK Electronics HHM2910E1 Datasheet HTML 2Page - TDK Electronics HHM2910E1 Datasheet HTML 3Page - TDK Electronics HHM2910E1 Datasheet HTML 4Page - TDK Electronics HHM2910E1 Datasheet HTML 5Page - TDK Electronics HHM2910E1 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20151211 / rf_coupler_hhm2910e1_en.fm
HHM2910E1
RECOMMENDED REFLOW PROFILE
Soaking
Working
Soldering Peak
Temp.
Time
Temp.
Time
Temp.
Time
Temp.
T1
T2
t1
T3
t2
T4
t3
T5
150°C
180°C
60 to 120s
230°C
more than 30s
247 to 253°C
within 10s
260°C max.
t3
t1
Soaking
t2
Working
T3
T3
T4
T4
T5
T2
T1
t: Time
Soldering
Peak


Similar Part No. - HHM2910E1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HHM2910E4 TDK-HHM2910E4 Datasheet
48Kb / 2P
   Multilayer Chip Directional Couplers
HHM2910E8 TDK-HHM2910E8 Datasheet
49Kb / 2P
   Multilayer Chip Directional Couplers
More results

Similar Description - HHM2910E1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HHM22137A2 TDK-HHM22137A2 Datasheet
78Kb / 6P
   Multilayer Directional Coupler
HHM22152A2 TDK-HHM22152A2 Datasheet
554Kb / 9P
   Multilayer Directional Coupler
HHM22106C1 TDK-HHM22106C1 Datasheet
86Kb / 2P
   MULTILAYER DIRECTIONAL COUPLER
HHM2942A2 TDK-HHM2942A2 Datasheet
76Kb / 6P
   Multilayer Directional Coupler
HHM2319B2 TDK-HHM2319B2 Datasheet
80Kb / 6P
   Multilayer Directional Coupler
HHM2909C4 TDK-HHM2909C4 Datasheet
79Kb / 6P
   Multilayer Directional Coupler
HHM2919A2 TDK-HHM2919A2 Datasheet
72Kb / 6P
   Multilayer Directional Coupler
HHM2909C8 TDK-HHM2909C8 Datasheet
71Kb / 6P
   Multilayer Directional Coupler
HHM2202SA2 TDK-HHM2202SA2 Datasheet
29Kb / 2P
   MULTILAYER DIRECTIONAL COUPLER
HHM2909C4 TDK-HHM2909C4_18 Datasheet
127Kb / 6P
   Multilayer Directional Coupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com