Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD4302 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTD4302
Description  Power MOSFET 68 Amps, 30 Volts(N-Channel DPAK)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4302 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NTD4302 Datasheet HTML 2Page - ON Semiconductor NTD4302 Datasheet HTML 3Page - ON Semiconductor NTD4302 Datasheet HTML 4Page - ON Semiconductor NTD4302 Datasheet HTML 5Page - ON Semiconductor NTD4302 Datasheet HTML 6Page - ON Semiconductor NTD4302 Datasheet HTML 7Page - ON Semiconductor NTD4302 Datasheet HTML 8Page - ON Semiconductor NTD4302 Datasheet HTML 9Page - ON Semiconductor NTD4302 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NTD4302
http://onsemi.com
6
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
0.1
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
1
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
10
dc
1
100
100
10
10 ms
1 ms
100 ms
VGS = 10 V
SINGLE PULSE
TC = 25°C
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
Figure 12. Diode Reverse Recovery Waveform
RθJA(t) = r(t) RθJA
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TA = P(pk) RθJA(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
Figure 13. Thermal Response − Various Duty Cycles
t, TIME (seconds)
1000
1
D = 0.5
1E−05
1E−03
1E−02
1E−01
0.2
0.01
0.01
0.02
0.05
0.1
1E+00
1E+01
1E+03
SINGLE PULSE
1E−04
1E+02
MOUNTED TO MINIMUM RECOMMENDED FOOTPRINT
DUTY CYCLE
100
10
0.1


Similar Part No. - NTD4302

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4302 ONSEMI-NTD4302 Datasheet
119Kb / 7P
   Power MOSFET
July, 2014 ??Rev. 9
logo
SHENZHEN DOINGTER SEMIC...
NTD4302 DOINGTER-NTD4302 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
NTD4302-001G VBSEMI-NTD4302-001G Datasheet
995Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
ON Semiconductor
NTD4302-1G ONSEMI-NTD4302-1G Datasheet
118Kb / 7P
   Power MOSFET 68 A, 30 V, N?묬hannel DPAK
October, 2010 ??Rev. 8
NTD4302-1G ONSEMI-NTD4302-1G Datasheet
119Kb / 7P
   Power MOSFET
July, 2014 ??Rev. 9
More results

Similar Description - NTD4302

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5413N ONSEMI-NTD5413N Datasheet
109Kb / 6P
   Power MOSFET 30 Amps, 60 Volts Single N?묬hannel DPAK
October, 2008 ??Rev. 0
NTD14N03R ONSEMI-NTD14N03R_07 Datasheet
86Kb / 6P
   Power MOSFET 14 Amps, 25 Volts N-Channel DPAK
October, 2007 - Rev. 5
NTD85N02R ONSEMI-NTD85N02R Datasheet
73Kb / 10P
   Power MOSFET 85 Amps, 24 Volts N-Channel DPAK
September, 2004 ??Rev. 6
logo
Unisonic Technologies
30N06 UTC-30N06 Datasheet
154Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06_07 Datasheet
223Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
UT40N03 UTC-UT40N03 Datasheet
267Kb / 5P
   40 Amps, 30 Volts N-CHANNEL POWER MOSFET
UT85N03 UTC-UT85N03 Datasheet
151Kb / 3P
   85 Amps, 30 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTD4302 ONSEMI-NTD4302_10 Datasheet
118Kb / 7P
   Power MOSFET 68 A, 30 V, N?묬hannel DPAK
October, 2010 ??Rev. 8
NTD4302T4G ONSEMI-NTD4302T4G Datasheet
118Kb / 7P
   Power MOSFET 68 A, 30 V, N?묬hannel DPAK
October, 2010 ??Rev. 8
NTD32N06L ONSEMI-NTD32N06L Datasheet
66Kb / 8P
   Power MOSFET 32 Amps, 60 Volts, Logic Level(N-Channel DPAK)
April, 2004 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com