Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD4448HAQW Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # MMBD4448HAQW
Description  Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MMBD4448HAQW Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MMBD4448HAQW Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBD4448HAQW Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBD4448HAQW Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBD4448HAQW Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBD4448HAQW Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.cj-elec.com
2
ELECTRICAL CHARACTERISTICS
Electrical Ratings @T
a=25
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Reverse Breakdown Voltage
V (BR)
80
V
IR=100μA
VF1
0.62
0.72
V
IF=5mA
VF2
0.855
V
IF=10mA
VF3
1.0
V
IF=
100mA
Forward
Voltage
VF4
1.25
V
IF=150mA
IR1
100
VR=7
0V
Reverse
Current
IR2
25
nA
VR=20V
Capacitance
Between Terminals
CT
VR=0V,f=1MHz
Reverse Recovery Time
trr
4
ns
nA
3.5
pF
IF=IR=10mA
Irr=0.1XIR,RL=100Ω
D,Mar,2016


Similar Part No. - MMBD4448HAQW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HAQW DIODES-MMBD4448HAQW Datasheet
77Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30153 Rev. 7 - 2
MMBD4448HAQW DIODES-MMBD4448HAQW Datasheet
440Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30153 Rev. 14 - 2
logo
Weitron Technology
MMBD4448HAQW WEITRON-MMBD4448HAQW Datasheet
2Mb / 4P
   Surface Mount Switching Multi-Chip Diode Array
logo
SeCoS Halbleitertechnol...
MMBD4448HAQW SECOS-MMBD4448HAQW Datasheet
1Mb / 2P
   Surface Mount Switching Diode Array
logo
Micro Commercial Compon...
MMBD4448HAQW MCC-MMBD4448HAQW Datasheet
190Kb / 4P
   200mW Switching Diodes
More results

Similar Description - MMBD4448HAQW

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com