Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCAN928028 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCAN928028
Description  8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN928028 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button SCAN928028 Datasheet HTML 5Page - National Semiconductor (TI) SCAN928028 Datasheet HTML 6Page - National Semiconductor (TI) SCAN928028 Datasheet HTML 7Page - National Semiconductor (TI) SCAN928028 Datasheet HTML 8Page - National Semiconductor (TI) SCAN928028 Datasheet HTML 9Page - National Semiconductor (TI) SCAN928028 Datasheet HTML 10Page - National Semiconductor (TI) SCAN928028 Datasheet HTML 11Page - National Semiconductor (TI) SCAN928028 Datasheet HTML 12Page - National Semiconductor (TI) SCAN928028 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Functional Description
The SCAN928028 combines eight 10:1 serializers into a
single chip. Each of the eight serializers accepts 10 or less
data bits. The serializers then multiplex the data into a serial
stream with embedded clock bits and route to the LVDS
output. The LVDS output isa5mA current loop driver. It
provides enough drive for point-to-point and lightly loaded
multidrop applications. The serialized data stream is com-
patible with the DS92LV1210, DS92LV1212A, DS92LV1224,
DS92LV1260, SCAN921224, SCAN921226, SCAN921260,
and SCAN926260 10-bit deserializers from National Semi-
conductor.
Each of the eight channels on the SCAN928028 has their
own serializer function but share a single PLL. There is a
single Transmit Clock (TCLK) for all eight channels. The data
on all eight 10-bit interfaces is latched into the device with
the rising edge of TCLK. Each of the serialized data streams
is independent of the others and includes the embedded
clock information. The skew between the serializer outputs is
minimal.
There is a master power-down signal (MS_PWDN) to put the
entire device into a low power consumption state. In addi-
tion, there is a power-down control signal for each of the
eight channels. This allows the device to efficiently operate
as one to eight 10-bit serializers.
The @SPEED TEST signal initiates the sending of a random
data pattern over the LVDS links. This allows for testing the
links for bit error rates at the frequency they will be carrying
data. In addition, JTAG can be used to verify the device
interconnects and initiate/verify the at-speed BIST.
The SCAN928028 has four operating modes. They are the
Initialization, Data Transfer, Resynchronization, @SPEED
TEST states. There are also two passive states: Power-
down and TRI-STATE. In addition to the active and passive
states, there are test modes for JTAG access and at-speed
BIST.
The following sections describe each operating mode, pas-
sive state, and the test modes.
INITIALIZATION
Before the ’8028 serializes and transmits data, it and the
receiving deserializer device(s) must initialize the link. Initial-
ization refers to synchronizing the Serializer’s and the Dese-
rializer’s PLLs to local clocks. The local clocks should be the
same frequency, or within the specified range if from different
sources. After all devices synchronize to local clocks, the
Deserializers synchronize to the Serializers as the second
and final initialization step.
Step 1: After applying power to the serializer, the outputs are
held in TRI-STATE and the on-chip power-sequencing cir-
cuitry disables the internal circuits. When Vcc reaches
VccOK (2.1V), the PLL in the serializer begins locking to the
local clock (TCLK). A local on-board data source or other
source provides the specified clock input to the TCLK pin.
After locking to TCLK, the serializer is now ready to send
data or SYNC patterns, depending on the level of the SYNC
input or a data stream at the data inputs. The SYNC pattern
sent by the serializer consists of six ones and six zeros
switching at the input clock rate.
Step 2: The Deserializer PLL must synchronize to the Seri-
alizer to complete the initialization. (Refer to the deserializer
data sheet for operation details during this step of the Initial-
ization State.) The Deserializer identifies the rising clock
edge in a synchronization pattern or non-repetitive data
pattern. Depending on the data pattern that it is being trans-
mitted, the Deserializer will synchronize to the data stream
from the Serializer after some delay. At the point where the
Deserializer’s PLL locks to the embedded clock, the LOCK
pin goes low and valid data appears on the output.
The user’s application determines control of the SYNC sig-
nal input. One recommendation is a direct feedback loop
from the LOCK pin on the deserializer. The serializer stops
sending SYNC patterns when the SYNC input returns to a
low state.
DATA TRANSFER
After initialization, the serializer accepts data from the inputs
DINn0 to DINn9. The serializer uses the rising edge of the
TCLK input to latch incoming data. If the SYNCn input is high
for 4 TCLK cycles, the data on DINn0-DINn9 is ignored and
SYNC pulses are transferred.
The serial data stream includes a start bit and stop bit
appended by the serializer, which frame the ten data bits.
The start bit is always high and the stop bit is always low.
The start and stop bits also function as clock bits embedded
in the serial stream.
The Serializer transmits the data and clock bits (10+2 bits) at
12 times the TCLK frequency. For example, if TCLK is 40
MHz, the serial rate is 40 X 12 = 480 Mbps. Since only 10
bits are from input data, the serial ’payload’ rate is 10 times
the TCLK frequency. For instance, if TCLK = 40 MHz, the
payload data rate is 40 X 10 = 400 Mbps. TCLK is provided
by the data source and must be in the range 25 MHz to 66
MHz nominal.
The serializer outputs (DO0± – DO7±) can drive a point-to-
point connection or lightly loaded multidrop connections. The
outputs transmit data when the driver enable pin (DEN) is
high, MS_PWDN and PWDNn are high, and SYNCn is low.
When DEN is driven low, all the serializer output pins will
enter TRI-STATE.
When any one of eight attached Deserializer channels syn-
chronizes to the input from the Serializer, it drives its LOCK
pin low and synchronously delivers valid data on the output.
The Deserializer locks to the embedded clock, uses it to
generate multiple internal data strobes, and drives the em-
bedded clock on the RCLK pin. The RCLK is synchronous to
the data on the ROUT pins. While LOCK is low, data on
ROUT is valid. Otherwise, ROUT is invalid.
RESYNCHRONIZATION
Whenever one of the connected DS92LV1212, ’1212A,
’1224, ’1226, ’1260, or ’6260 deserializers loses lock, it will
automatically try to resynchronize to the data stream from
the serializer. If the data stream is not a repetitive pattern,
then the deserializer will automatically lock.
For example, if the deserializer’s received embedded clock
edge is not detected two times in succession, the PLL loses
lock and the LOCK pin is driven high. The ’1212, ’1212A,
’1224, ’1226, ’1260, or ’6260 deserializers will automatically
begin searching for the embedded clock edge. If it is a
random data pattern, the deserializer will lock to that stream.
If the data pattern is repetitive, the deserializer’s PLL will not
lock in order to prevent the deserializer from locking to the
data pattern rather than the clock. We refer to such patterns
as repetitive-multiple-transition, RMT.
Therefore, if the data stream is not random data or the
deserializer is the DS92LV1210, there needs to be a feed-
www.national.com
9


Similar Part No. - SCAN928028

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SCAN928028 TI1-SCAN928028 Datasheet
641Kb / 23P
[Old version datasheet]   SCAN928028 8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
SCAN928028TUF TI1-SCAN928028TUF Datasheet
641Kb / 23P
[Old version datasheet]   SCAN928028 8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
SCAN928028TUF/NOPB TI1-SCAN928028TUF/NOPB Datasheet
641Kb / 23P
[Old version datasheet]   SCAN928028 8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
SCAN928028TUFX TI1-SCAN928028TUFX Datasheet
641Kb / 23P
[Old version datasheet]   SCAN928028 8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
More results

Similar Description - SCAN928028

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SCAN928028 TI1-SCAN928028 Datasheet
641Kb / 23P
[Old version datasheet]   SCAN928028 8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
logo
National Semiconductor ...
SCAN921260 NSC-SCAN921260 Datasheet
379Kb / 16P
   X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
Texas Instruments
SCAN921260 TI1-SCAN921260 Datasheet
739Kb / 22P
[Old version datasheet]   SCAN921260 X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
National Semiconductor ...
SCAN921821 NSC-SCAN921821 Datasheet
629Kb / 11P
   Dual 18-Bit Serializer with Pre-emphasis, IEEE 1149.1(JTAG), and At-Speed BIST
SCAN926260 NSC-SCAN926260 Datasheet
372Kb / 18P
   Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
SCAN921025 NSC-SCAN921025 Datasheet
474Kb / 21P
   30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN926260 NSC-SCAN926260_08 Datasheet
395Kb / 20P
   Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
SCAN926260 NSC-SCAN926260_03 Datasheet
395Kb / 20P
   Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
logo
Texas Instruments
SCAN926260 TI1-SCAN926260_14 Datasheet
1Mb / 25P
[Old version datasheet]   SCAN926260 Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
SCAN921023 TI1-SCAN921023_13 Datasheet
945Kb / 25P
[Old version datasheet]   SCAN921023 and SCAN921224 20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com