Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH6712 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SFH6712
Description  High Speed Optocoupler, 5 MBd, 1 kV/us dV/dt
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6712 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SFH6712 Datasheet HTML 2Page - Vishay Siliconix SFH6712 Datasheet HTML 3Page - Vishay Siliconix SFH6712 Datasheet HTML 4Page - Vishay Siliconix SFH6712 Datasheet HTML 5Page - Vishay Siliconix SFH6712 Datasheet HTML 6Page - Vishay Siliconix SFH6712 Datasheet HTML 7Page - Vishay Siliconix SFH6712 Datasheet HTML 8Page - Vishay Siliconix SFH6712 Datasheet HTML 9Page - Vishay Siliconix SFH6712 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.vishay.com
6
Document Number 83683
Rev. 1.3, 27-Apr-04
VISHAY
SFH6700/ 01/ 02/ 05/ 11/ 12/ 19
Vishay Semiconductors
Coupler
0°C
≤ Tamb ≤ 85 °C; 4.5 V ≤ VCC ≤ 15 V; 1.6 mA ≤ IFon ≤ 5.0 mA; 2.0 ≤ VEH ≤ 15 V; 0 ≤ VEL ≤ 0.8 V; 0 mA ≤ IFoff ≤ 0.1 mA;
Typical values: Tamb = 25 °C; VCC = 5.0 V; IFon = 3.0 mA unless otherwise specified
Switching Characteristics
0°C
≤ Tamb ≤ 85 °C; 4.5 V ≤ VCC ≤ 15 V; 1.6 mA ≤ IFon ≤ 5.0 mA; 2.0 ≤ VEH ≤ 15 V (SFH6700/19); 0 ≤ VEL ≤ 0.8 V (SFH6700/19); 0 mA
≤ IFoff≤ 0.1 mA
Typical values: Tamb = 25 °C; VCC = 5.0 V; IFon = 3.0 mA unless otherwise specified.
(3)
(3) A 0.1
µF bypass capacitor connected between pins 5 and 8 must be used
Typical values: Tamb = 25 °C, VCC = 5.0 V; IFon = 3.0 mA; RL = 390 Ω unless otherwise specified
(3)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Capacitance (input-output)
f = 1.0 MHz, pins 1-4 and 5-8
shorted together
CIO
0.6
pF
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
1012
VIO = 500 V, Tamb = 100 °C
RIO
1011
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Propagation delay time to logic
low output level, SFH6700/01/
02/11/12/19
Without peaking capacitor
tPHL
120
ns
With peaking capacitor
tPHL
115
300
ns
tPLH
125
ns
tPLH
90
300
ns
Output enable time to logic high
(SFH6700/19)
tPZH
20
ns
Output enable time to logic low
(SFH6700/19)
tPZL
25
ns
Output disable time from logic
low (SFH6700/19)
tPLZ
50
ns
Output rise time
10 % to 90 %
tr
40
ns
Output fall time
90 % to 10 %
tf
10
ns
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Propagation delay time to logic
low output level
Without peaking capacitor
SFH6705
tPHL
115
ns
With peaking capacitor
SFH6705
tPHL
105
300
ns
Without peaking capacitor
SFH6705
tPLH
125
ns
With peaking capacitor
SFH6705
tPLH
90
300
ns
Output rise time
10 % to 90 %
tr
25
ns
90 % to 10 %
tr
4ns


Similar Part No. - SFH6712

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6712 VISHAY-SFH6712 Datasheet
1Mb / 15P
   High Speed Optocoupler, 5 MBd, 1 kV/µs dV/dt
Rev. 1.5, 15-Apr-05
More results

Similar Description - SFH6712

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6700 VISHAY-SFH6700_05 Datasheet
1Mb / 15P
   High Speed Optocoupler, 5 MBd, 1 kV/µs dV/dt
Rev. 1.5, 15-Apr-05
VO3052 VISHAY-VO3052 Datasheet
130Kb / 8P
   Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/uS dV/dt, 600 V
Rev. 1.5, 07-Nov-06
SFH6345-X001 VISHAY-SFH6345-X001 Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
Rev. 2.1, 09-Mar-12
SFH6345-X007T VISHAY-SFH6345-X007T Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
Rev. 2.1, 09-Mar-12
SFH6731 VISHAY-SFH6731_04 Datasheet
184Kb / 11P
   High Speed Optocoupler, Dual, 5 MBd
Rev. 1.5, 26-Oct-04
SFH6345 VISHAY-SFH6345_08 Datasheet
182Kb / 8P
   High Speed Optocoupler, 1 Mbd, 15 kV/µs CMR, Transistor Output
Rev. 1.6, 18-Feb-08
VO3052 VISHAY-VO3052_12 Datasheet
125Kb / 6P
   Optocoupler, Phototriac Output, 1.5 kV/μs dV/dt, 600 V
Rev. 1.9, 11-Aug-11
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com