Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11-CT211 Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # 11-CT211
Description  Optimized for Brushless DC Motor applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

11-CT211 Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  11-CT211 Datasheet HTML 1Page - Silicon Touch Technology Inc. 11-CT211 Datasheet HTML 2Page - Silicon Touch Technology Inc. 11-CT211 Datasheet HTML 3Page - Silicon Touch Technology Inc. 11-CT211 Datasheet HTML 4Page - Silicon Touch Technology Inc. 11-CT211 Datasheet HTML 5Page - Silicon Touch Technology Inc. 11-CT211 Datasheet HTML 6Page - Silicon Touch Technology Inc. 11-CT211 Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SP-CT211-A.004.doc
Version
:A.004
Page
:3
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
11-CT211
VDD
LOGIC
HIN
S0
S1
GND
FG
Block Diagram
Truth Table
S1
S0
Duty Cycle
Dividing Factor
0
0
66.67%
1.5
0
1
50%
2
1
0
60%
2.5
1
1
50%
3
Time Diagram
Tacho
Case 1
S0
S1
O1
Case 4
S0
S1
O1
Tacho
Tacho
Case 2
S0
S1
O1
Case 3
S0
S1
O1
Tacho


Similar Part No. - 11-CT211

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
11-00-000-9509 HARTING-11-00-000-9509 Datasheet
455Kb / 2P
   Yellock PE extension crimp 6mm짼
11-00-000-9510 HARTING-11-00-000-9510 Datasheet
455Kb / 2P
   Yellock PE extension crimp 10mm짼
11-00-000-9903 HARTING-11-00-000-9903 Datasheet
454Kb / 2P
   Fixing Kit Han-Yellock hoods
2021-10-01
logo
Tensility International...
11-00011 TENSILITY-11-00011 Datasheet
99Kb / 1P
   20802 Sockeye Place #130 Bend, OR 97701 USA
11-00012 TENSILITY-11-00012 Datasheet
114Kb / 1P
   20802 Sockeye Place #130 Bend, OR 97701 USA
More results

Similar Description - 11-CT211

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6208-3G INFINEON-TLE6208-3G_07 Datasheet
415Kb / 22P
   Triple Half Bridges Optimized for DC motor management applications
2007-09-12
logo
STEPPERONLINE
42BLS47-24-01 STEPPERONLINE-42BLS47-24-01 Datasheet
119Kb / 1P
   Brushless DC Motor
logo
List of Unclassifed Man...
DB59M024035-A ETC-DB59M024035-A Datasheet
100Kb / 1P
   Brushless Dc motor
logo
promoco-motors.com
33BL PROMOCO-33BL Datasheet
303Kb / 1P
   Brushless DC Motor
57BID01-12 PROMOCO-57BID01-12 Datasheet
322Kb / 1P
   Brushless DC Motor
logo
List of Unclassifed Man...
DB59C024035-A ETC-DB59C024035-A Datasheet
100Kb / 1P
   brushless dc motor
DF45L024048-A2 ETC-DF45L024048-A2 Datasheet
139Kb / 1P
   Brushless Dc Motor
logo
STEPPERONLINE
36BLR45-12-01 STEPPERONLINE-36BLR45-12-01 Datasheet
109Kb / 1P
   Brushless DC Motor
36BLR55-24-01 STEPPERONLINE-36BLR55-24-01 Datasheet
108Kb / 1P
   Brushless DC Motor
42BLR53-12-01 STEPPERONLINE-42BLR53-12-01 Datasheet
109Kb / 1P
   Brushless DC Motor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com