Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1117T25 Datasheet(PDF) 8 Page - Anachip Corp

Part # AP1117T25
Description  1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1117T25 Datasheet(HTML) 8 Page - Anachip Corp

Back Button AP1117T25 Datasheet HTML 3Page - Anachip Corp AP1117T25 Datasheet HTML 4Page - Anachip Corp AP1117T25 Datasheet HTML 5Page - Anachip Corp AP1117T25 Datasheet HTML 6Page - Anachip Corp AP1117T25 Datasheet HTML 7Page - Anachip Corp AP1117T25 Datasheet HTML 8Page - Anachip Corp AP1117T25 Datasheet HTML 9Page - Anachip Corp AP1117T25 Datasheet HTML 10Page - Anachip Corp AP1117T25 Datasheet HTML 11Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1117
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Aug 17, 2004
8/11
(2) TO263
E
e
b
b2
L1
1.3
10.9
Land Pattern Recommendation (Unit: mm)
2.54
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
4.06
4.45
4.83
0.160
0.175
0.190
b
0.51
0.75
0.99
0.020
0.030
0.039
b2
1.14
1.27
1.40
0.045
0.050
0.055
C
0.38 TYP.
0.015 TYP.
C2
1.14
1.27
1.40
0.045
0.050
0.055
D
8.65
9.15
9.65
0.341
0.360
0.380
E
9.65
9.97
10.29
0.380
0.393
0.405
e
2.54 BSC.
0.100 BSC.
L
14.61
15.24
15.88
0.575
0.600
0.625
L1
2.28
2.54
2.80
0.090
0.100
0.110
L2
-
1.30
2.92
-
0.051
0.115
L3
1.27
1.52
1.78
0.050
0.060
0.070


Similar Part No. - AP1117T25

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1117T25G-13 DIODES-AP1117T25G-13 Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
AP1117T25G-U DIODES-AP1117T25G-U Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
AP1117T25L-13 DIODES-AP1117T25L-13 Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
AP1117T25L-U DIODES-AP1117T25L-U Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
More results

Similar Description - AP1117T25

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G1117A ETL-G1117A Datasheet
261Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com