Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH6719 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SFH6719
Description  High Speed Optocoupler, 5 MBd, 1 kV/us dV/dt
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6719 Datasheet(HTML) 4 Page - Vishay Siliconix

  SFH6719 Datasheet HTML 1Page - Vishay Siliconix SFH6719 Datasheet HTML 2Page - Vishay Siliconix SFH6719 Datasheet HTML 3Page - Vishay Siliconix SFH6719 Datasheet HTML 4Page - Vishay Siliconix SFH6719 Datasheet HTML 5Page - Vishay Siliconix SFH6719 Datasheet HTML 6Page - Vishay Siliconix SFH6719 Datasheet HTML 7Page - Vishay Siliconix SFH6719 Datasheet HTML 8Page - Vishay Siliconix SFH6719 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.vishay.com
4
Document Number 83683
Rev. 1.3, 27-Apr-04
VISHAY
SFH6700/ 01/ 02/ 05/ 11/ 12/ 19
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
0°C
≤ Tamb ≤ 85 °C; 4.5 V ≤ VCC ≤ 15 V; 1.6 mA ≤ IFon ≤ 5.0 mA; 2.0 ≤ VEH ≤ 15 V; 0 ≤ VEL ≤ 0.8 V; 0 mA ≤ IFoff ≤ 0.1 mA;
Typical values: Tamb = 25 °C; VCC = 5.0 V; IFon = 3.0 mA unless otherwise specified
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 5.0 mA
VF
1.6
1.75
V
IF = 5.0 mA,
VF
1.8
V
Input current hysteresis
VCC = 5.0 V, IHYS = IFon-IFon
IHYS
0.1
mA
Reverse current
VR = 3.0 V
IR
0.5
10
µA
Capacitance
VR = 0 V, f = 1.0 MHz;
CO
60
pF
Thermal resistance
Rthja
700
K/W


Similar Part No. - SFH6719

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6719 VISHAY-SFH6719 Datasheet
1Mb / 15P
   High Speed Optocoupler, 5 MBd, 1 kV/µs dV/dt
Rev. 1.5, 15-Apr-05
More results

Similar Description - SFH6719

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6700 VISHAY-SFH6700_05 Datasheet
1Mb / 15P
   High Speed Optocoupler, 5 MBd, 1 kV/µs dV/dt
Rev. 1.5, 15-Apr-05
VO3052 VISHAY-VO3052 Datasheet
130Kb / 8P
   Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/uS dV/dt, 600 V
Rev. 1.5, 07-Nov-06
SFH6345-X001 VISHAY-SFH6345-X001 Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
Rev. 2.1, 09-Mar-12
SFH6345-X007T VISHAY-SFH6345-X007T Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
Rev. 2.1, 09-Mar-12
SFH6731 VISHAY-SFH6731_04 Datasheet
184Kb / 11P
   High Speed Optocoupler, Dual, 5 MBd
Rev. 1.5, 26-Oct-04
SFH6345 VISHAY-SFH6345_08 Datasheet
182Kb / 8P
   High Speed Optocoupler, 1 Mbd, 15 kV/µs CMR, Transistor Output
Rev. 1.6, 18-Feb-08
VO3052 VISHAY-VO3052_12 Datasheet
125Kb / 6P
   Optocoupler, Phototriac Output, 1.5 kV/μs dV/dt, 600 V
Rev. 1.9, 11-Aug-11
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com