Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42-DL232 Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # 42-DL232
Description  TTL interface compatible
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

42-DL232 Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  42-DL232 Datasheet HTML 1Page - Silicon Touch Technology Inc. 42-DL232 Datasheet HTML 2Page - Silicon Touch Technology Inc. 42-DL232 Datasheet HTML 3Page - Silicon Touch Technology Inc. 42-DL232 Datasheet HTML 4Page - Silicon Touch Technology Inc. 42-DL232 Datasheet HTML 5Page - Silicon Touch Technology Inc. 42-DL232 Datasheet HTML 6Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
42-DL232
Optical Fiber Transmitting IC
Version
:A.002
Page 1
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
42-DL232
OPTICAL FIBER TRANSMITTING IC
GENERAL DESCRIPTION
42-DL232 is a driver IC designed for the application of high-speed optical fiber
transmission. It integrates the LED driver with constant current output to reduce the complexity
and the cost of the transmission module. 42-DL232 can transmit with the speed up to 50Mb/s.
42-DL232 are fabricated by using CMOS technology with low power consumption purpose.
FEATURES
1. TTL interface compatible
2. High speed (up to 50Mb/s)
3. Uniform output waveform
4. Constant current output
5. Low power consumption
BLOCK DIAGRAM And APPLICATION CIRCUIT
42-DL232
VSS
VDD
IN
OUT
Power
Ground
Signal


Similar Part No. - 42-DL232

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
42-DL211 SITI-42-DL211 Datasheet
117Kb / 6P
   Optical Fiber Transmitting IC
42-DL211B SITI-42-DL211B Datasheet
114Kb / 6P
   Maximum output voltage: 17V
42-DL212 SITI-42-DL212 Datasheet
117Kb / 6P
   Optical Fiber Transmitting IC
42-DL212B SITI-42-DL212B Datasheet
112Kb / 6P
   TTL interface compatible
42-DL213 SITI-42-DL213 Datasheet
114Kb / 6P
   Optical Fiber Transmitting IC
More results

Similar Description - 42-DL232

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTDL-TA25B-T1 LITEON-LTDL-TA25B-T1 Datasheet
128Kb / 5P
   TTL INTERFACE COMPATIBLE
LTDL-TA16A LITEON-LTDL-TA16A Datasheet
209Kb / 4P
   TTL INTERFACE COMPATIBLE
LTDL-TA50A LITEON-LTDL-TA50A Datasheet
226Kb / 5P
   TTL INTERFACE COMPATIBLE
logo
Silicon Touch Technolog...
42-DL212B SITI-42-DL212B Datasheet
112Kb / 6P
   TTL interface compatible
logo
Lite-On Technology Corp...
LTDL-TA25A-L3 LITEON-LTDL-TA25A-L3 Datasheet
230Kb / 5P
   TTL INTERFACE COMPATIBLE
LTDL-TA25B-T LITEON-LTDL-TA25B-T Datasheet
121Kb / 5P
   TTL INTERFACE COMPATIBLE
LTDL-TA25A-L4 LITEON-LTDL-TA25A-L4 Datasheet
222Kb / 5P
   TTL INTERFACE COMPATIBLE
logo
Integrated Silicon Solu...
IS62WV102416EALL ISSI-IS62WV102416EALL Datasheet
1Mb / 15P
   TTL compatible interface levels
IS62WV10248DALL ISSI-IS62WV10248DALL Datasheet
490Kb / 15P
   TTL compatible interface levels
IS62WV20488EALL ISSI-IS62WV20488EALL Datasheet
656Kb / 14P
   TTL compatible interface levels
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com