Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DD313-4 Datasheet(PDF) 11 Page - Silicon Touch Technology Inc.

Part # DD313-4
Description  LED open circuit detection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DD313-4 Datasheet(HTML) 11 Page - Silicon Touch Technology Inc.

Back Button DD313-4 Datasheet HTML 7Page - Silicon Touch Technology Inc. DD313-4 Datasheet HTML 8Page - Silicon Touch Technology Inc. DD313-4 Datasheet HTML 9Page - Silicon Touch Technology Inc. DD313-4 Datasheet HTML 10Page - Silicon Touch Technology Inc. DD313-4 Datasheet HTML 11Page - Silicon Touch Technology Inc. DD313-4 Datasheet HTML 12Page - Silicon Touch Technology Inc. DD313-4 Datasheet HTML 13Page - Silicon Touch Technology Inc. DD313-4 Datasheet HTML 14Page - Silicon Touch Technology Inc. DD313-4 Datasheet HTML 15Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
40V Adjustable Current Sink Linear LED Driver
Version:PRE.002
Page 10
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DD313-4
Power Dissipation Calculation
The device power dissipation must be lower than the power dissipation rate of the
device package material as illustrated in Figure 7 to ensure a correct operation. The
equation below calculates the power dissipation of a device.
Where:
VCC = device supply voltage
ICC = device supply current
VOUT = IOUT voltage when driving LED current
IMAX = LED current adjusted by REXT resistor
DPWM = average duty ratio defined by scaled PWM duty
Figure 7. Power dissipation vs. temperature


Similar Part No. - DD313-4

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DD313 SITI-DD313 Datasheet
688Kb / 22P
   3-CHANNEL HIGH CONSTANT CURRENT LED DRIVER with ERROR DETECTION
More results

Similar Description - DD313-4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L4120G-AB5-R UTC-L4120G-AB5-R Datasheet
167Kb / 4P
   LED open-circuit protection
logo
STMicroelectronics
STEVAL-ILL026V1 STMICROELECTRONICS-STEVAL-ILL026V1 Datasheet
145Kb / 4P
   LED open circuit protection
December 2009 Rev 2
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
logo
Silicon Touch Technolog...
DM412 SITI-DM412 Datasheet
1Mb / 35P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH LED OPEN DETECTION
logo
ON Semiconductor
CAT3604HV4 ONSEMI-CAT3604HV4 Datasheet
227Kb / 14P
   4-Channel Quad-Mode LED Driver with Open/Short LED Detection
April, 2010 ??Rev. 3
logo
Allegro MicroSystems
A6278 ALLEGRO-A6278_07 Datasheet
652Kb / 18P
   Serial-Input Constant-Current Latched LED Drivers with Open LED Detection
logo
ON Semiconductor
CAT3604V ONSEMI-CAT3604V Datasheet
248Kb / 14P
   4-Channel Quad-Mode LED Driver with Open/Short LED Detection
April, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com