Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM13H-E Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # DM13H-E
Description  Maximum output voltage: 17V
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13H-E Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  DM13H-E Datasheet HTML 1Page - Silicon Touch Technology Inc. DM13H-E Datasheet HTML 2Page - Silicon Touch Technology Inc. DM13H-E Datasheet HTML 3Page - Silicon Touch Technology Inc. DM13H-E Datasheet HTML 4Page - Silicon Touch Technology Inc. DM13H-E Datasheet HTML 5Page - Silicon Touch Technology Inc. DM13H-E Datasheet HTML 6Page - Silicon Touch Technology Inc. DM13H-E Datasheet HTML 7Page - Silicon Touch Technology Inc. DM13H-E Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13H-E Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
16-bit Constant Current LED Driver with Error Detection
Version:A.004
Page 3
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13H-E
Pin Connection (Top View)
SSOP24 / TSSOP24E / SOP24B/ QFN24
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
GND
DAI
CLK
LAT
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
VCC
REXT
DAO
EN
OUT15
OUT14
OUT13
OUT12
OUT11
OUT10
OUT9
OUT8
OUT6
OUT7
Pin Description
PIN No.
PIN NAME
FUNCTION
SSOP24/TSSOP24E/SOP24B: 1
QFN24: 22
GND
Ground terminal.
SSOP24/TSSOP24E/SOP24B: 2
QFN24: 23
DAI
Serial data input terminal.
SSOP24/TSSOP24E/SOP24B: 3
QFN24: 24
CLK
Synchronous clock input terminal for serial data transfer.
Data is sampled at the rising edge of CLK.
SSOP24/TSSOP24E/SOP24B: 4
QFN24: 1
LAT
Input terminal of data strobe.
Data on shift register goes through at the rising edge (edge
trigger). Otherwise, data is latched.
SSOP24/TSSOP24E/SOP24B: 5~20
QFN24: 2~17
OUT0~15 Sink constant-current outputs (open-drain).
SSOP24/TSSOP24E/SOP24B: 21
QFN24: 18
EN
Output enable terminal:
‘H’ for all outputs are turned off ,
‘L’ for all outputs are active.
SSOP24/TSSOP24E/SOP24B: 22
QFN24: 19
DAO
Serial data output terminal.
SSOP24/TSSOP24E/SOP24B: 23
QFN24: 20
REXT
External resistors connected between REXT and GND for
output current value setting.
SSOP24/TSSOP24E/SOP24B: 24
QFN24: 21
VCC
Supply voltage terminal.


Similar Part No. - DM13H-E

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DM13H SITI-DM13H Datasheet
596Kb / 26P
   Maximum output voltage: 17V
More results

Similar Description - DM13H-E

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
42-DL211B SITI-42-DL211B Datasheet
114Kb / 6P
   Maximum output voltage: 17V
DM137 SITI-DM137 Datasheet
768Kb / 32P
   Maximum output voltage: 17V
DM632C SITI-DM632C Datasheet
697Kb / 25P
   Maximum output voltage: 17V
DM13G SITI-DM13G Datasheet
550Kb / 26P
   Maximum output voltage: 17V
DM117 SITI-DM117 Datasheet
602Kb / 22P
   Maximum output voltage: 17V
DM11H SITI-DM11H Datasheet
446Kb / 23P
   Maximum output voltage: 17V
DM13H SITI-DM13H Datasheet
596Kb / 26P
   Maximum output voltage: 17V
DM632B SITI-DM632B Datasheet
953Kb / 31P
   Maximum output voltage: 17V
DM13C SITI-DM13C Datasheet
694Kb / 27P
   Maximum output voltage: 17V
DM631B SITI-DM631B Datasheet
920Kb / 31P
   Maximum output voltage: 17V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com