Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM621 Datasheet(PDF) 6 Page - Silicon Touch Technology Inc.

Part # DM621
Description  4 x 3(R/G/B) Output Channels
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM621 Datasheet(HTML) 6 Page - Silicon Touch Technology Inc.

Back Button DM621 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 10Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
12-Channels Pre-programmable Constant Current LED Driver
Version:A.006
Page 5
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM621
Maximum Ratings (Ta = 25°C, Tj
(max) = 150°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VDD
12
V
Input Voltage
VIN
5
V
Output Current
IOUT
90
mA
Output Voltage
VOUT
28
V
DCK Frequency
FDCK
20
MHz
IGND Terminal Current
IGND
750
mA
3.1 (QFN20: Ta=25°C)
Power Dissipation
PD
2.78 ( TSSOP24 exposed pad: Ta=25
°C)
W
40.21 (QFN20)
Thermal Resistance
Rth(j-a)
45 (TSSOP24 exposed pad)
°C/W
Operating Temperature
Topr
85
°C
Storage Temperature
Tstg
150
°C
Recommended Operating Condition
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VDD
5
12
V
Output Voltage
VOUT
28
V
Operating Temperature
TOPR
25
85
IOUT
OUT
5
90
mA
IOH
VOH =3V
2.5
mA
Output Current
IOL
VOL= 0.2V
-2
mA
VIH
3
5
Input Voltage
VIL
VDD=5V~12V
0
1
V


Similar Part No. - DM621

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM6210 ETC-DM6210 Datasheet
1Mb / 91P
   dataModule medium speed analog input module
More results

Similar Description - DM621

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-1740699-1 MACOM-C-1740699-1 Datasheet
349Kb / 2P
   SOLARLOK R G-G 4/4
logo
IK Semicon Co., Ltd
IK2804D IKSEMICON-IK2804D Datasheet
340Kb / 12P
   4 constant-current output channels
logo
National Semiconductor ...
TDA2530 NSC-TDA2530 Datasheet
146Kb / 3P
   R G B MATRIX PREAMPLIFIER WITH CLAMPS
logo
Samsung semiconductor
KA2141 SAMSUNG-KA2141 Datasheet
116Kb / 15P
   R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2141X01 SAMSUNG-S1D2141X01 Datasheet
110Kb / 14P
   R/G/B VIDEO AMPLIFIER FOR MONITORS
logo
Tyco Electronics
C-1986175 MACOM-C-1986175 Datasheet
141Kb / 1P
   SOLARLOK R G-G 4/4 WITH CABLE, ASSY
logo
Samsung semiconductor
S1D2518X01 SAMSUNG-S1D2518X01 Datasheet
457Kb / 38P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
S1D2500A01-D0 SAMSUNG-S1D2500A01-D0 Datasheet
210Kb / 27P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
logo
Powerbox
DBL500 POWERBOX-DBL500 Datasheet
244Kb / 1P
   B AT T E R Y C H A R G E R
logo
Samsung semiconductor
KA2504 SAMSUNG-KA2504 Datasheet
889Kb / 23P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com