Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS224B Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # PS224B
Description  Over/Under-voltage protection and lock out
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS224B Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  PS224B Datasheet HTML 1Page - Silicon Touch Technology Inc. PS224B Datasheet HTML 2Page - Silicon Touch Technology Inc. PS224B Datasheet HTML 3Page - Silicon Touch Technology Inc. PS224B Datasheet HTML 4Page - Silicon Touch Technology Inc. PS224B Datasheet HTML 5Page - Silicon Touch Technology Inc. PS224B Datasheet HTML 6Page - Silicon Touch Technology Inc. PS224B Datasheet HTML 7Page - Silicon Touch Technology Inc. PS224B Datasheet HTML 8Page - Silicon Touch Technology Inc. PS224B Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
4-Channel Secondary Monitoring IC
Version
:A.001
-3-
PS224B
Timing Chart
VPGI
Td2
Td1
1.25V
0.25V
1.13V
OVP
OVP/UVP/OCP/Pext
OVP
Td1
Tb1
Td3
Td2
FPO/
PSON/
PGI
Vcc
PGO
UVP/OVP/OCP
Pext protect
PSON/
turn on
AC
turn on
PSON/
turn off
PSON/
turn on
AC
turn off
IS12A
VS12B IS12B
VS5
IS5
VS12A
VS33
IS33
Pext


Similar Part No. - PS224B

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
PS224 SITI-PS224 Datasheet
143Kb / 12P
   Over/Under-voltage protection and lock out
PS224A SITI-PS224A Datasheet
138Kb / 10P
   Over/Under-voltage protection and lock out
PS224A1 SITI-PS224A1 Datasheet
137Kb / 10P
   Over/Under-voltage protection and lock out
PS224C SITI-PS224C Datasheet
159Kb / 11P
   Over/Under-voltage protection and lock out
PS224L SITI-PS224L Datasheet
150Kb / 11P
   Over/Under-voltage protection and lock out
More results

Similar Description - PS224B

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
PS224 SITI-PS224 Datasheet
143Kb / 12P
   Over/Under-voltage protection and lock out
PS224A1 SITI-PS224A1 Datasheet
137Kb / 10P
   Over/Under-voltage protection and lock out
PS229 SITI-PS229 Datasheet
155Kb / 11P
   Over/Under-voltage protection and lock out
PS222L SITI-PS222L Datasheet
145Kb / 13P
   Over/Under-voltage protection and lock out
PS25A SITI-PS25A Datasheet
161Kb / 11P
   Over/Under-voltage protection and lock out
PS224A SITI-PS224A Datasheet
138Kb / 10P
   Over/Under-voltage protection and lock out
PS252C SITI-PS252C Datasheet
136Kb / 10P
   Over/Under-voltage protection and lock out
PS252C1 SITI-PS252C1 Datasheet
158Kb / 10P
   Over/Under-voltage protection and lock out
PS224S SITI-PS224S Datasheet
190Kb / 11P
   Over/Under-voltage protection and lock out
PS224C SITI-PS224C Datasheet
159Kb / 11P
   Over/Under-voltage protection and lock out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com