Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS224L Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # PS224L
Description  Over/Under-voltage protection and lock out
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS224L Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button PS224L Datasheet HTML 3Page - Silicon Touch Technology Inc. PS224L Datasheet HTML 4Page - Silicon Touch Technology Inc. PS224L Datasheet HTML 5Page - Silicon Touch Technology Inc. PS224L Datasheet HTML 6Page - Silicon Touch Technology Inc. PS224L Datasheet HTML 7Page - Silicon Touch Technology Inc. PS224L Datasheet HTML 8Page - Silicon Touch Technology Inc. PS224L Datasheet HTML 9Page - Silicon Touch Technology Inc. PS224L Datasheet HTML 10Page - Silicon Touch Technology Inc. PS224L Datasheet HTML 11Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
4-Channel Secondary Monitoring IC
Version
:A.002
Page 6
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
PS224L
Electrical Characteristics (Continued)
PGI, Analog Input
Parameter
Conditions
MIN
TYP
MAX
Unit
Threshold Voltage for start Td1
1.16
1.25
1.28
V
Threshold Voltage for start Td2
0.60
0.63
0.75
V
Threshold Voltage for mask OC,UV
1.04
1.13
1.20
V
Threshold Voltage for PGO disable
1.08
1.20
1.20
V
Hysteresis (VHYST)*
20
50
80
mV
* All of the comparator for PGI input in block diagram.
PGO, Open Drain Digital Output
Parameter
Conditions
MIN
TYP
MAX
Unit
Leakage Current (ILKG)
VPGO=5V
5
uA
Low Level Output Voltage (VOL)
ISINK=10mA
0.3
V
FPO/, Open Drain Digital Output
Parameter
Conditions
MIN
TYP
MAX
Unit
Leakage Current (ILKG)
VFPO/=5V
5
uA
Low Level Output Voltage (VOL)
ISINK=20mA
0.3
V
PSON/, Analog Input
Parameter
Conditions
MIN
TYP
MAX
Unit
Threshold Voltage
1.16
1.25
1.33
V
Hysteresis (VHYST)
20
50
80
mV
External Protection Detect Section
Parameter
Conditions
MIN
TYP
MAX
Unit
Threshold(VTH)
1.20
1.25
1.30
V
Hysteresis (VHYST)
-20
-50
-80
mV


Similar Part No. - PS224L

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
PS224 SITI-PS224 Datasheet
143Kb / 12P
   Over/Under-voltage protection and lock out
PS224A SITI-PS224A Datasheet
138Kb / 10P
   Over/Under-voltage protection and lock out
PS224A1 SITI-PS224A1 Datasheet
137Kb / 10P
   Over/Under-voltage protection and lock out
PS224B SITI-PS224B Datasheet
136Kb / 10P
   Over/Under-voltage protection and lock out
PS224C SITI-PS224C Datasheet
159Kb / 11P
   Over/Under-voltage protection and lock out
More results

Similar Description - PS224L

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
PS224 SITI-PS224 Datasheet
143Kb / 12P
   Over/Under-voltage protection and lock out
PS224A1 SITI-PS224A1 Datasheet
137Kb / 10P
   Over/Under-voltage protection and lock out
PS229 SITI-PS229 Datasheet
155Kb / 11P
   Over/Under-voltage protection and lock out
PS222L SITI-PS222L Datasheet
145Kb / 13P
   Over/Under-voltage protection and lock out
PS25A SITI-PS25A Datasheet
161Kb / 11P
   Over/Under-voltage protection and lock out
PS224A SITI-PS224A Datasheet
138Kb / 10P
   Over/Under-voltage protection and lock out
PS224B SITI-PS224B Datasheet
136Kb / 10P
   Over/Under-voltage protection and lock out
PS252C SITI-PS252C Datasheet
136Kb / 10P
   Over/Under-voltage protection and lock out
PS252C1 SITI-PS252C1 Datasheet
158Kb / 10P
   Over/Under-voltage protection and lock out
PS224S SITI-PS224S Datasheet
190Kb / 11P
   Over/Under-voltage protection and lock out
PS224C SITI-PS224C Datasheet
159Kb / 11P
   Over/Under-voltage protection and lock out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com