Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS235S Datasheet(PDF) 10 Page - Silicon Touch Technology Inc.

Part # PS235S
Description  Two winding detect function
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS235S Datasheet(HTML) 10 Page - Silicon Touch Technology Inc.

Back Button PS235S Datasheet HTML 5Page - Silicon Touch Technology Inc. PS235S Datasheet HTML 6Page - Silicon Touch Technology Inc. PS235S Datasheet HTML 7Page - Silicon Touch Technology Inc. PS235S Datasheet HTML 8Page - Silicon Touch Technology Inc. PS235S Datasheet HTML 9Page - Silicon Touch Technology Inc. PS235S Datasheet HTML 10Page - Silicon Touch Technology Inc. PS235S Datasheet HTML 11Page - Silicon Touch Technology Inc. PS235S Datasheet HTML 12Page - Silicon Touch Technology Inc. PS235S Datasheet HTML 13Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
2-Channels Secondary Monitoring IC
Version
:A.002
-9-
PS235S
Brown out function
When AC power decrease, the AC line current will increase, it may cause power coil
damage. So PS235S provides the brown out function to avoid the power supply
damaged. When PSON logic low, it monitor PGI5 and PSON logic high, it monitor
PGI12. If PGI signal < 1.22, the delay block active (2600mS), FPO will latch.
OCP setting
We recommend the values of RS12 ≥ 5mΩ and RS5 ≥ 10mΩ. RI pin is connected to
ground through a 62.5KΩ resistor. RI pin is a reference current generator and it can
adjust the over current trigger point. The OCP monitors the channel pass current with
VS and IS pins according to Ohm law. We hereby list the formulas for design OCP
trigger point;
1. Over-Current Protection design example:
(1) Set
A
I
ref
μ
20
=
, so
()
Ω
=
=
=
K
I
V
R
RI
RI
I
5
.
63
20
27
.
1
μ
(2) Set RS12=0.005 Ω ,
ref
OC
V
V
I
R
I
V
×
×
=
×
=
Δ
+
8
005
.
0
12
12
12
(3) If +12V OCP trip point is 20A,
()
Ω
=
×
×
=
625
20
8
20
005
.
0
12
μ
OC
R
2. It is recommended that R-C filters be connected to VS and IS pin, which increases
the accuracy of OCP.
GND path
The GND path width should be made as wide as possible.
The better grounding ability, the better performance during the surge test.


Similar Part No. - PS235S

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PS23 GOOD-ARK-PS23 Datasheet
452Kb / 4P
   Surface Mount Schottky Rectifier
logo
Sensortechnics GmbH
PS2300AA SENSORTECHNICS-PS2300AA Datasheet
171Kb / 5P
   OEM silicon stainless steel pressure sensor
PS2300AC SENSORTECHNICS-PS2300AC Datasheet
171Kb / 5P
   OEM silicon stainless steel pressure sensor
PS2300GA SENSORTECHNICS-PS2300GA Datasheet
171Kb / 5P
   OEM silicon stainless steel pressure sensor
PS2300GC SENSORTECHNICS-PS2300GC Datasheet
171Kb / 5P
   OEM silicon stainless steel pressure sensor
More results

Similar Description - PS235S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24LR-DISCOVERY STMICROELECTRONICS-M24LR-DISCOVERY Datasheet
351Kb / 5P
   Two function buttons
logo
SHENZHEN FUMAN ELECTRON...
TCX3E FUMAN-TCX3E Datasheet
194Kb / 3P
   Two-function remote control IC
logo
AAEON Technology
NIM-C13A AAEON-NIM-C13A Datasheet
117Kb / 1P
   supports two pairs bypass function
logo
Texas Instruments
SN75LVCP412CD TI1-SN75LVCP412CD Datasheet
789Kb / 21P
[Old version datasheet]   Two Channel SATA 3 Gbps Redriver With Cable Detect
logo
SHENZHEN FUMAN ELECTRON...
TCRX3E FUMAN-TCRX3E Datasheet
102Kb / 2P
   Two-function remote control receiving IC
logo
ELAN Microelectronics C...
EM91455 EMC-EM91455 Datasheet
199Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91450 EMC-EM91450 Datasheet
213Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91465 EMC-EM91465 Datasheet
280Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
logo
Hirose Electric
FX2-100P-1.27SV71 HIROSE-FX2-100P-1.27SV71 Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
FX2B-32SA-1.27R HIROSE-FX2B-32SA-1.27R Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com