Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMH4042G-BGM Datasheet(PDF) 7 Page - Summit Microelectronics, Inc.

Part # SMH4042G-BGM
Description  Hot Swap??Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4042G-BGM Datasheet(HTML) 7 Page - Summit Microelectronics, Inc.

Back Button SMH4042G-BGM Datasheet HTML 3Page - Summit Microelectronics, Inc. SMH4042G-BGM Datasheet HTML 4Page - Summit Microelectronics, Inc. SMH4042G-BGM Datasheet HTML 5Page - Summit Microelectronics, Inc. SMH4042G-BGM Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4042G-BGM Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4042G-BGM Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4042G-BGM Datasheet HTML 9Page - Summit Microelectronics, Inc. SMH4042G-BGM Datasheet HTML 10Page - Summit Microelectronics, Inc. SMH4042G-BGM Datasheet HTML 11Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
2037 8.0 8/8/00
SMH4042
PIN DESCRIPTIONS
CBI_5: CBI_5 is the circuit breaker input for the supply
voltage. With a series resistor placed in the supply path
between the 5V early power and CBI_5, the circuit
breaker will trip whenever the voltage across the resistor
exceeds 50mV.
DRVREN#: DRVREN# is an open-drain, active-low out-
put that indicates the status of the 3 volt and 5 volt high
side driver outputs (VGATE5 and VGATE3). This signal
may also be used as a switching signal for the 12 volt
supply.
FAULT#: FAULT# is an open-drain, active-low output. It
will be driven low whenever an over-current condition is
detected. It will be reset at the same time that the VGATE
outputs are turned back on after a reset from the host on
the PWR_EN pin.
1Vref: The 1Vref output provides a 1 volt reference for
pre-charging the bus signal pins. Implementing a simple
unity-gain amplifier circuit will allow pre-charging a large
number of pins.
ISLEW: ISLEW is a Diode-connected NFET input. It may
be used to adjust the 250V/s default slew rate of the high-
side driver outputs
VSEL: VSEL is a TTL level input used to determine which
of the host power supply inputs will be monitored for valid
voltage and reset generation. This is a static input and the
pin should be tied to VCC or ground through a resistor.
A0: Address 0 is not used by the memory array. It can be
connected to ground or left floating.
It must not be
connected VCC.
A1, A2: Address inputs 1 and 2 are used to set the two-
bit device address of the memory array. The state of these
inputs will determine the device address for the memory
if it is on a two-wire bus with multiple memories with the
same device type identifier. (For complete addressing
information refer to the detailed memory operation sec-
tion that follows.)
SCL: The SCL input is used to clock data into and out of
the memory array. In the write mode, data must remain
stable while SCL is HIGH. In the read mode, data is
clocked out on the falling edge of SCL.
SDA: The SDA pin is a bidirectional pin used to transfer
data into and out of the memory array. Data changing from
one state to the other may occur only when SCL is LOW,
except when generating START or STOP conditions.
SDA is an open-drain output and may be wire-ORed with
any number of open-drain outputs.
BD_SEL1# BD_SEL2#: These are active low TTL level
inputs with internal pull-ups to VCC. When pulled low they
indicate full board insertion. When used in a “non-High
Availability” application these inputs will be the last con-
nector pins to make contact with the host backplane. On
the host side, the signals should be directly tied to ground.
In a “High Availability” application these inputs can be the
last pins to mate with the backplane. Alternatively, they
can be actively driven by the host or be connected to
switches interfaced to the board ejectors or any combina-
tion. Regardless, BOTH inputs MUST be low before the
SMH4042 will begin to turn on the backend voltage.
GND: Ground should be applied at the same time as
early-power.
HEALTHY#: HEALTHY# is an open-drain, active-low
output indicating card side power inputs are above their
reset trip levels.
SGNL_VLD#: SGNL_VLD# is an open-drain, active-low
output that indicates card side power is valid and the
internal card side PCI_RST# timer has timed out.
PWR_EN: PWR_EN is a TTL level input that allows the
host to enable or disable the power to the individual card.
During initial power up, this signal would start in a low state
and then be driven high during software initialization. If
this signal is driven low, the power supply control outputs
will be driven into the inactive state, and the reset signals
asserted. In a “non-High Availability” system this input can
be tied high.
The PWR_EN input is also used to reset the SMH4042
circuit breakers. After an over-current condition is de-
tected the VGATE outputs can be turned back on by first
taking PWR_EN low then returning it high.
PCI_RST#: PCI_RST# is a TTL level input used as a reset
input signal from the host interface. A high to low transition
(held low longer than 40ns) will initiate a reset sequence.
The LOCAL_PCI_RST# output and the RESET output
will be driven active for a minimum period of tPURST. If
the PCI_RST# input is held low longer than tPURST the
reset outputs will continue to be driven until PCI_RST# is
released.
VSEL-Voltage
Host Voltage
Select
Monitored
Low
5 Volt or Mixed-Mode
High
3.3 Volt Only


Similar Part No. - SMH4042G-BGM

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAGM SUMMIT-SMH4042AGAGM Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAGN SUMMIT-SMH4042AGAGN Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAHM SUMMIT-SMH4042AGAHM Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAHN SUMMIT-SMH4042AGAHN Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
More results

Similar Description - SMH4042G-BGM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
   Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
   Hot Swap Controller
LTC1422 LINER-LTC1422 Datasheet
273Kb / 16P
   Hot Swap Controller
LTC1422 LINER-LTC1422_15 Datasheet
203Kb / 16P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com