Electronic Components Datasheet Search |
|
SN74AUC2G66 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
SN74AUC2G66 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 16 page SN74AUC2G66 DUAL BILATERAL ANALOG SWITCH SCES507 − NOVEMBER 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 5) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 0.8 V VCC = 1.2 V ± 0.1 V VCC = 1.5 V ± 0.1 V VCC = 1.8 V ± 0.15 V VCC = 2.5 V ± 0.2 V UNIT PARAMETER (INPUT) (OUTPUT) TYP MIN MAX MIN MAX MIN TYP MAX MIN MAX UNIT tpd† A or B B or A 1 0.6 0.5 0.5 0.4 ns ten C A or B 5 0.5 3 0.5 2.1 0.5 0.9 1.6 0.5 1.4 ns tdis C A or B 5.3 0.5 4 0.5 3 0.5 2.6 3.3 0.5 2.7 ns † The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance when driven by an ideal voltage source (zero output impedance). switching characteristics over recommended operating free-air temperature range, CL = 30 pF (unless otherwise noted) (see Figure 5) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 1.8 V ± 0.15 V VCC = 2.5 V ± 0.2 V UNIT PARAMETER (INPUT) (OUTPUT) MIN TYP MAX MIN MAX UNIT tpd† A or B B or A 0.7 0.7 ns ten C A or B 0.5 1.6 2.7 0.5 2.3 ns tdis C A or B 0.5 2.7 3.4 0.5 2 ns † The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance when driven by an ideal voltage source (zero output impedance). analog switch characteristics, TA = 25°C PARAMETER FROM (INPUT) TO (OUTPUT) TEST CONDITIONS VCC TYP UNIT 0.8 V 101 CL = 50 pF, RL = 600 Ω, 1.1 V 150 CL = 50 pF, RL = 600 Ω, fin = sine wave 1.4 V 175 fin = sine wave (see Figure 6) 1.65 V 250 Frequency response‡ A or B B or A 2.3 V 400 MHz Frequency response‡ (switch ON) A or B B or A 0.8 V 450 MHz (switch ON) CL = 5 pF, RL = 50 Ω, 1.1 V >500 CL = 5 pF, RL = 50 Ω, fin = sine wave 1.4 V >500 fin = sine wave (see Figure 6) 1.65 V >500 2.3 V >500 0.8 V −60 CL = 50 pF, RL = 600 Ω, 1.1 V −60 CL = 50 pF, RL = 600 Ω, fin = 1 MHz (sine wave) 1.4 V −60 fin = 1 MHz (sine wave) (see Figure 7) 1.65 V −60 Crosstalk§ A or B B or A 2.3 V −60 dB Crosstalk§ (between switches) A or B B or A 0.8 V −65 dB (between switches) CL = 5 pF, RL = 50 Ω, 1.1 V −65 CL = 5 pF, RL = 50 Ω, fin = 1 MHz (sine wave) 1.4 V −65 fin = 1 MHz (sine wave) (see Figure 7) 1.65 V −65 2.3 V −65 ‡ Adjust fin voltage to obtain 0 dBm at output. Increase fin frequency until dB meter reads −3 dB. § Adjust fin voltage to obtain 0 dBm at input. |
Similar Part No. - SN74AUC2G66 |
|
Similar Description - SN74AUC2G66 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |