Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS-41682 Datasheet(PDF) 2 Page - ON Semiconductor

Part # AMIS-41682
Description  Fault Tolerant CAN Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS-41682 Datasheet(HTML) 2 Page - ON Semiconductor

  AMIS-41682 Datasheet HTML 1Page - ON Semiconductor AMIS-41682 Datasheet HTML 2Page - ON Semiconductor AMIS-41682 Datasheet HTML 3Page - ON Semiconductor AMIS-41682 Datasheet HTML 4Page - ON Semiconductor AMIS-41682 Datasheet HTML 5Page - ON Semiconductor AMIS-41682 Datasheet HTML 6Page - ON Semiconductor AMIS-41682 Datasheet HTML 7Page - ON Semiconductor AMIS-41682 Datasheet HTML 8Page - ON Semiconductor AMIS-41682 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AMIS−41682, AMIS−41683
www.onsemi.com
2
Table 1. TECHNICAL CHARACTERISTICS
Symbol
Parameter
Condition
Max
Max
Unit
VCANH
DC Voltage at Pin CANH, CANL
0 < VCC < 5.25 V; No Time Limit
−40
+40
V
VBAT
Voltage at Pin Vbat
Load−Dump
+40
V
Figure 1. Block Diagram
CANH
CANL
RTH
Driver
control
Thermal
shutdown
POR
Mode &
wake-up
control
Filter
Timer
Receiver
Failure
handling
AMIS−4168x
RTL
INH
WAKE
STB
EN
TxD
ERR
RxD
VBAT
VCC
1
2
3
4
5
6
7
8
9
10
11
12
14
GND
13
VCC (
*)
(
*) For AMIS-41682 pull up to VCC.
For AMIS-41683 pull up to VCC/2
VCC
VCC
AMIS−41682
ERR
RxD
3
4
Failure
handling
AMIS−41683
Failure
handling
RxD
3
ERR
4


Similar Part No. - AMIS-41682

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-41682 ONSEMI-AMIS-41682 Datasheet
270Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
AMIS-41682 ONSEMI-AMIS-41682 Datasheet
259Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
More results

Similar Description - AMIS-41682

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C252 PHILIPS-PCA82C252 Datasheet
112Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 28
TJA1053 PHILIPS-TJA1053 Datasheet
113Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 15
logo
ON Semiconductor
AMIS-41682 ONSEMI-AMIS-41682 Datasheet
270Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
NXP Semiconductors
TJA1054 NXP-TJA1054 Datasheet
146Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 04-24 September 2009
logo
STMicroelectronics
L9669 STMICROELECTRONICS-L9669 Datasheet
205Kb / 13P
   FAULT TOLERANT CAN TRANSCEIVER
logo
NXP Semiconductors
TJA1054_1008 NXP-TJA1054_1008 Datasheet
811Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 4-3 August 2010
logo
AMI SEMICONDUCTOR
AMIS-4168X AMI-AMIS-4168X Datasheet
625Kb / 18P
   Fault Tolerant CAN Transceiver
logo
NXP Semiconductors
TJA1054 PHILIPS-TJA1054 Datasheet
124Kb / 20P
   Fault-tolerant CAN transceiver
1999 Feb 11
logo
ON Semiconductor
AMIS41682NGA ONSEMI-AMIS41682NGA Datasheet
259Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
NXP Semiconductors
TJA1054A NXP-TJA1054A Datasheet
152Kb / 27P
   Fault-tolerant CAN transceiver
Rev. 05-29 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com