Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS42665TJAA1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # AMIS42665TJAA1G
Description  High-Speed Low Power CAN Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS42665TJAA1G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button AMIS42665TJAA1G Datasheet HTML 3Page - ON Semiconductor AMIS42665TJAA1G Datasheet HTML 4Page - ON Semiconductor AMIS42665TJAA1G Datasheet HTML 5Page - ON Semiconductor AMIS42665TJAA1G Datasheet HTML 6Page - ON Semiconductor AMIS42665TJAA1G Datasheet HTML 7Page - ON Semiconductor AMIS42665TJAA1G Datasheet HTML 8Page - ON Semiconductor AMIS42665TJAA1G Datasheet HTML 9Page - ON Semiconductor AMIS42665TJAA1G Datasheet HTML 10Page - ON Semiconductor AMIS42665TJAA1G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AMIS−42665
http://onsemi.com
7
CHARACTERISTICS VCC = 4.75 V to 5.25 V; TJ = −40°C to +150°C; RLT = 60 W unless specified otherwise.
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
BUS LINES (PINS CANH AND CANL)
Io(sc) (CANL)
Short Circuit Output Current at Pin CANL
VCANL = 36 V; VTxD = 0 V
45
70
120
mA
Vi(dif) (th)
Differential Receiver Threshold Voltage
(see Figure 6)
−5 V < VCANL < +12 V; −5 V
< VCANH < +12 V;
0.5
0.7
0.9
V
Vihcm(dif) (th)
Differential Receiver Threshold Voltage for
High Common−Mode (See Figure 6)
−35 V < VCANL < +35 V;
−35 V < VCANH < +35 V;
0.40
0.7
1.00
V
Vi(dif) (hys)
Differential Receiver Input Voltage
Hysteresis (see Figure 6)
−35 V < VCANL < +35 V;
−35 V < VCANH < +35 V;
50
70
100
mV
Ri(cm) (CANH)
Common−Mode Input Resistance at Pin
CANH
15
26
37
kW
Ri(cm) (CANL)
Common−Mode Input Resistance at Pin
CANL
15
26
37
kW
Ri(cm) (m)
Matching Between Pin CANH and Pin
CANL Common Mode Input Resistance
VCANH = VCANL
−3
0
+3
%
Ri(dif)
Differential Input Resistance
25
50
75
kW
Ci(CANH)
Input Capacitance at Pin CANH
VTxD = VCC; Not Tested
7.5
20
pF
Ci(CANL)
Input Capacitance at Pin CANL
VTxD = VCC; Not Tested
7.5
20
pF
Ci(dif)
Differential Input Capacitance
VTxD = VCC; Not Tested
3.75
10
pF
COMMON−MODE STABILIZATION (PIN VSPLIT)
VSPLIT
Reference Output Voltage at Pin VSPLIT
Normal Mode;
−500 mA < ISPLIT < 500 mA
0.3 x
VCC
0.7 x
VCC
ISPLIT(i)
VSPLIT Leakage Current
Standby Mode
−5
+5
mA
ISPLIT(lim)
VSPLIT Limitation Current
Normal Mode
−3
+3
mA
POWER−ON−RESET (POR)
PORL
POR Level
CANH, CANL in
Tri−State Below POR Level
2.2
3.5
4.5
V
THERMAL SHUTDOWN
TJ(sd)
Shutdown Junction Temperature
150
160
180
°C
TIMING CHARACTERISTICS (see Figures 7 and 8)
td(TxD−BUSon)
Delay TXD to Bus Active
Cl = 100 pF Between CANH
to CANL
40
85
105
ns
td(TxD−BUSoff)
Delay TXD to Bus Inactive
Cl = 100 pF Between CANH
to CANL
30
60
105
ns
td(BUSon−RXD)
Delay Bus Active to RXD
Crxd = 15 pF
25
55
105
ns
td(BUSoff−RXD)
Delay Bus Inactive to RXD
Crxd = 15 pF
40
100
105
ns
tpd(rec−dom)
Propagation Delay TXD to RXD from
Recessive−to−Dominant
Cl = 100 pF Between CANH
to CANL
90
230
ns
td(dom−rec)
Propagation Delay TXD to RXD from
Dominant−to−Recessive
Cl = 100 pF Between CANH
to CANL
90
245
ns
td(stb−nm)
Delay Standby Mode to Normal Mode
5
7.5
10
ms
tdbus
Dominant Time for Wake−up via Bus
0.75
2.5
5
ms
tdom(TxD)
TxD Dominant Time for Time Out
VTxD = 0 V
300
650
1000
ms
Baudrate
Communication Speed Achievable
40k
1M
bps


Similar Part No. - AMIS42665TJAA1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS42665TJAA1G ONSEMI-AMIS42665TJAA1G Datasheet
204Kb / 11P
   High-Speed Low Power CAN Transceiver
April, 2010 ??Rev. 8
More results

Similar Description - AMIS42665TJAA1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7340 ONSEMI-NCV7340 Datasheet
177Kb / 12P
   High Speed Low Power CAN Transceiver
May, 2010 ??Rev. 1
AMIS-42665 ONSEMI-AMIS-42665_10 Datasheet
204Kb / 11P
   High-Speed Low Power CAN Transceiver
April, 2010 ??Rev. 8
logo
AMI SEMICONDUCTOR
AMIS-42675 AMI-AMIS-42675 Datasheet
565Kb / 12P
   High-Speed Low Power CAN Transceiver
AMIS-42665 AMI-AMIS-42665 Datasheet
370Kb / 13P
   High-Speed Low Power CAN Transceiver
logo
ON Semiconductor
AMIS-42665 ONSEMI-AMIS-42665 Datasheet
198Kb / 11P
   High-Speed Low Power CAN Transceiver
January, 2009 ??Rev. 7
NCV7342 ONSEMI-NCV7342_16 Datasheet
136Kb / 15P
   High Speed Low Power CAN Transceiver
February, 2016 ??Rev. 3
NCV7349 ONSEMI-NCV7349 Datasheet
112Kb / 12P
   High Speed Low Power CAN Transceiver
December, 2014 ??Rev. 1
NCV7340 ONSEMI-NCV7340_11 Datasheet
142Kb / 11P
   High Speed Low Power CAN Transceiver
October, 2011 ??Rev. 3
NCV7341 ONSEMI-NCV7341 Datasheet
184Kb / 18P
   High Speed Low Power CAN Transceiver
November, 2008 ??Rev. 3
NCV7342 ONSEMI-NCV7342 Datasheet
183Kb / 15P
   High Speed Low Power CAN Transceiver
December, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com