Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS-42671 Datasheet(PDF) 1 Page - ON Semiconductor

Part # AMIS-42671
Description  High Speed Autobaud CAN Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS-42671 Datasheet(HTML) 1 Page - ON Semiconductor

  AMIS-42671_13 Datasheet HTML 1Page - ON Semiconductor AMIS-42671_13 Datasheet HTML 2Page - ON Semiconductor AMIS-42671_13 Datasheet HTML 3Page - ON Semiconductor AMIS-42671_13 Datasheet HTML 4Page - ON Semiconductor AMIS-42671_13 Datasheet HTML 5Page - ON Semiconductor AMIS-42671_13 Datasheet HTML 6Page - ON Semiconductor AMIS-42671_13 Datasheet HTML 7Page - ON Semiconductor AMIS-42671_13 Datasheet HTML 8Page - ON Semiconductor AMIS-42671_13 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2009
January, 2009 − Rev. 3
1
Publication Order Number:
AMIS−42671/D
AMIS-42671
High Speed Autobaud CAN
Transceiver
General Description
The AMIS−42671 CAN transceiver with autobaud is the interface
between a controller area network (CAN) protocol controller and the
physical bus. It may be used in both 12 V and 24 V systems. The
transceiver provides differential transmit capability to the bus and
differential receive capability to the CAN controller. Due to the wide
common−mode voltage range of the receiver inputs, the AMIS−42671
is able to reach outstanding levels of electromagnetic susceptibility
(EMS). Similarly, extremely low electromagnetic emission (EME) is
achieved by the excellent matching of the output signals.
The AMIS−42671 is primarily intended for industrial network
applications where long network lengths are mandatory. Examples are
elevators, in−building networks, process control and trains. To cope
with the long bus delay the communication speed needs to be low.
AMIS−42671 allows low transmit data rates down 10 kbit/s or lower.
The autobaud function allows the CAN controller to determine the
incoming baud rate without influencing the CAN communication on
the bus.
Features
Fully compatible with the ISO 11898−2 standard
Autobaud function
Wide range of bus communication speed (0 up to 1 Mbit/s)
Allows low transmit data rate in networks exceeding 1 km
Ideally suited for 12 V and 24 V industrial and automotive
applications
Low electromagnetic emission (EME), common−mode choke is no
longer required
Differential receiver with wide common−mode range ($35 V) for
high EMS
No disturbance of the bus lines with an un−powered node
Thermal protection
Bus pins protected against transients
Silent mode in which the transmitter is disabled
Short circuit proof to supply voltage and ground
Logic level inputs compatible with 3.3 V devices
ESD protection for CAN bus at $8 kV
These are Pb−Free Devices*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
PIN ASSIGNMENT
(Top View)
5
6
7
8
1
2
3
4
TxD
RxD
AUTB
GND
CANL
PC20070929.1
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
VCC
CANH
VREF


Similar Part No. - AMIS-42671_13

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-42671AGA AMI-AMIS-42671AGA Datasheet
546Kb / 12P
   High-Speed CAN Transceiver
More results

Similar Description - AMIS-42671_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-42671 ONSEMI-AMIS-42671 Datasheet
182Kb / 13P
   High Speed Autobaud CAN Transceiver
January, 2009 ??Rev. 3
logo
Maxim Integrated Produc...
MAX13051 MAXIM-MAX13051 Datasheet
251Kb / 12P
   짹80V Fault-Protected Can Transceiver with Autobaud
Rev 0; 11/04
MAX13051 MAXIM-MAX13051_14 Datasheet
249Kb / 12P
   ±80V Fault-Protected Can Transceiver with Autobaud
Rev 1; 10/12
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com