Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS42670ICAH2RG Datasheet(PDF) 3 Page - ON Semiconductor

Part # AMIS42670ICAH2RG
Description  High-Speed CAN Transceiver for Long Networks
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS42670ICAH2RG Datasheet(HTML) 3 Page - ON Semiconductor

  AMIS42670ICAH2RG Datasheet HTML 1Page - ON Semiconductor AMIS42670ICAH2RG Datasheet HTML 2Page - ON Semiconductor AMIS42670ICAH2RG Datasheet HTML 3Page - ON Semiconductor AMIS42670ICAH2RG Datasheet HTML 4Page - ON Semiconductor AMIS42670ICAH2RG Datasheet HTML 5Page - ON Semiconductor AMIS42670ICAH2RG Datasheet HTML 6Page - ON Semiconductor AMIS42670ICAH2RG Datasheet HTML 7Page - ON Semiconductor AMIS42670ICAH2RG Datasheet HTML 8Page - ON Semiconductor AMIS42670ICAH2RG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AMIS−42670
http://onsemi.com
3
Table 3. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Conditions
Min.
Max.
Unit
VCC
Supply Voltage
−0.3
+7
V
VCANH
DC Voltage at Pin CANH
0 < VCC < 5.25 V; no time limit
−45
+45
V
VCANL
DC Voltage at Pin CANL
0 < VCC < 5.25 V; no time limit
−45
+45
V
VTxD
DC Voltage at Pin TxD
−0.3
VCC + 0.3
V
VRxD
DC Voltage at Pin RxD
−0.3
VCC + 0.3
V
VS
DC Voltage at Pin S
−0.3
VCC + 0.3
V
VREF
DC Voltage at Pin VREF
−0.3
VCC + 0.3
V
Vtran(CANH)
Transient Voltage at Pin CANH
Note 2
−150
+150
V
Vtran(CANL)
Transient Voltage at Pin CANL
Note 2
−150
+150
V
Vesd
Electrostatic Discharge Voltage at All Pins
Note 3
Note 5
−4
−750
+4
+750
kV
V
Latch−up
Static Latch−up at All Pins
Note 4
100
mA
Tstg
Storage Temperature
−55
+155
°C
TA
Ambient Temperature
−40
+125
°C
TJ
Maximum Junction Temperature
−40
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
2. Applied transient waveforms in accordance with ISO 7637 part 3, test pulses 1, 2, 3a, and 3b (see Figure 3).
3. Standardized human body model ESD pulses in accordance to MIL883 method 3015.7.
4. Static latch−up immunity: static latch−up protection level when tested according to EIA/JESD78.
5. Standardized charged device model ESD pulses when tested according to EOS/ESD DS5.3−1993.
Table 4. THERMAL CHARACTERISTICS
Symbol
Parameter
Conditions
Value
Unit
Rth(vj−a)
Thermal Resistance from Junction−to−Ambient in
SOIC−8 Package
In Free Air
150
k/W
Rth(vj−s)
Thermal Resistance from Junction−to−Substrate
of Bare Die
In Free Air
45
k/W
APPLICATION INFORMATION
AMIS−
42670
CANH
CANL
GND
RxD
TxD
VREF
2
1
3
45
6
7
8
PC20070831.3
VCC
S
CAN
controller
VBAT
5V−reg
IN
OUT
47 nF
60 W
60 W
CAN
BUS
47 nF
60 W
60 W
VCC
GND
Figure 2. Application Diagram


Similar Part No. - AMIS42670ICAH2RG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS42670ICAH2RG ONSEMI-AMIS42670ICAH2RG Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
More results

Similar Description - AMIS42670ICAH2RG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-42670 ONSEMI-AMIS-42670 Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
AMIS42670ICAH2RG ONSEMI-AMIS42670ICAH2RG Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
AMIS-42675 ONSEMI-AMIS-42675 Datasheet
196Kb / 12P
   High Speed Low Power CAN Transceiver for Long Wire Networks
December, 2008 ??Rev. 2
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com