Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCL30081BSNT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCL30081BSNT1G
Description  Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30081BSNT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NCL30081BSNT1G Datasheet HTML 1Page - ON Semiconductor NCL30081BSNT1G Datasheet HTML 2Page - ON Semiconductor NCL30081BSNT1G Datasheet HTML 3Page - ON Semiconductor NCL30081BSNT1G Datasheet HTML 4Page - ON Semiconductor NCL30081BSNT1G Datasheet HTML 5Page - ON Semiconductor NCL30081BSNT1G Datasheet HTML 6Page - ON Semiconductor NCL30081BSNT1G Datasheet HTML 7Page - ON Semiconductor NCL30081BSNT1G Datasheet HTML 8Page - ON Semiconductor NCL30081BSNT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
NCL30081
www.onsemi.com
4
Table 2. MAXIMUM RATINGS TABLE
Symbol
Rating
Value
Unit
VCC(MAX)
ICC(MAX)
Maximum Power Supply voltage, VCC pin, continuous voltage
Maximum current for VCC pin
−0.3, +35
Internally limited
V
mA
VDRV(MAX)
IDRV(MAX)
Maximum driver pin voltage, DRV pin, continuous voltage
Maximum current for DRV pin
−0.3, VDRV (Note 1)
−500, +800
V
mA
VMAX
IMAX
Maximum voltage on low power pins (except pins DRV and VCC)
Current range for low power pins (except pins ZCD, DRV and VCC)
−0.3, +5.5
−2, +5
V
mA
VZCD(MAX)
IZCD(MAX)
Maximum voltage for ZCD pin
Maximum current for ZCD pin
−0.3, +10
−2, +5
V
mA
RθJ−A
Thermal Resistance, Junction−to−Air
360
°C/W
TJ(MAX)
Maximum Junction Temperature
150
°C
Operating Temperature Range
−40 to +125
°C
Storage Temperature Range
−60 to +150
°C
ESD Capability, HBM model (Note 2)
4
kV
ESD Capability, MM model (Note 2)
200
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. VDRV is the DRV clamp voltage VDRV(high) when VCC is higher than VDRV(high). VDRV is VCC unless otherwise noted.
2. This device series contains ESD protection and exceeds the following tests: Human Body Model 4000 V per JEDEC JESD22−A114−F and
Machine Model Method 200 V per JEDEC JESD22−A115−A.
3. This device contains latch−up protection and exceeds 100 mA per JEDEC Standard JESD78 except for VIN pin which passes 60 mA.


Similar Part No. - NCL30081BSNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30081BSNT1G ONSEMI-NCL30081BSNT1G Datasheet
309Kb / 31P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
More results

Similar Description - NCL30081BSNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30081 ONSEMI-NCL30081 Datasheet
310Kb / 23P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2013 ??Rev. P0
NCL30081 ONSEMI-NCL30081_13 Datasheet
309Kb / 31P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
NCL30083 ONSEMI-NCL30083 Datasheet
443Kb / 34P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
February, 2013 ??Rev. P2
NCL30080 ONSEMI-NCL30080_13 Datasheet
257Kb / 26P
   Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
NCP1370 ONSEMI-NCP1370 Datasheet
260Kb / 19P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller
February, 2016 ??Rev. P1
NCL30083 ONSEMI-NCL30083_15 Datasheet
393Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting with Thermal Fold-back
January, 2015 ??Rev. 2
NCL30083 ONSEMI-NCL30083_13 Datasheet
404Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting with Thermal Fold-back
April, 2013 ??Rev. 0
NCL30082 ONSEMI-NCL30082_15 Datasheet
361Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Primary Side Current-Mode
January, 2015 ??Rev. 5
NCL30086BH ONSEMI-NCL30086BH Datasheet
376Kb / 30P
   Analog/Digital Dimmable Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
February, 2016 ??Rev. 0
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
   Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com