Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1239CD65R2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1239CD65R2G
Description  Fixed Frequency Current?륪ode Controller for Flyback Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1239CD65R2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1239CD65R2G Datasheet HTML 3Page - ON Semiconductor NCP1239CD65R2G Datasheet HTML 4Page - ON Semiconductor NCP1239CD65R2G Datasheet HTML 5Page - ON Semiconductor NCP1239CD65R2G Datasheet HTML 6Page - ON Semiconductor NCP1239CD65R2G Datasheet HTML 7Page - ON Semiconductor NCP1239CD65R2G Datasheet HTML 8Page - ON Semiconductor NCP1239CD65R2G Datasheet HTML 9Page - ON Semiconductor NCP1239CD65R2G Datasheet HTML 10Page - ON Semiconductor NCP1239CD65R2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
NCP1239
www.onsemi.com
7
Table 4. ELECTRICAL CHARACTERISTICS (continued)
(For typical values TJ = 25°C, for min/max Values TJ = −40°C to +125°C, VHV = 125 V, VCC = 11 V unless otherwise noted)
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
FAULT INPUT (OTP/OVP)
Over-Voltage Protection Threshold
VFAULT Increasing
VFAULT(OVP)
2.8
3.0
3.2
V
Over-Temperature Protection Threshold
VFAULT Decreasing
VFAULT(OTP)
0.37
0.40
0.43
V
NTC Biasing Current
VFAULT = 0 V
IOTP
39
45
51
mA
Additional NTC Biasing Current during
Soft-Start Only
VFAULT = 0 V − During
Soft-Start Only
IOTP_boost
38
44
50
mA
Latch Clamping Voltage
IFAULT = 0 mA
VFAULT(clamp)0
1.1
1.35
1.6
V
Latch Clamping Voltage
IFAULT = 1 mA
VFAULT(clamp)1
2.2
2.7
3.2
V
Blanking Time after Drive Turn Off
tLATCH(blank)
1
ms
Number of Clock Cycles before Latch
Confirmation
tLATCH(count)
4
OVER-CURRENT PROTECTION (OCP)
Internal OCP Timer Duration
tOCP
51
64
77
ms
Auto-Recovery Timer
tAUTOREC
0.85
1
1.35
s
VCC OVER-VOLTAGE (VCC OVP)
Latched Over Voltage Protection on VCC Pin
VCC(OVP)
24.0
25.5
27.0
V
Delay before OVP on VCC Confirmation
tOVP(delay)
20
ms
THERMAL SHUTDOWN (TSD)
Temperature Shutdown
TJ Increasing (Note 1)
TSHDN
135
150
165
°C
Temperature Shutdown Hysteresis
TJ Decreasing (Note 1)
TSHDN(hys)
20
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Guaranteed by design
2. CS pin source current is a sum of IBIAS and IOPP, thus at VHV = 125 V is observed the IBIAS only, because IOPC is switched off.


Similar Part No. - NCP1239CD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1239CD65R2G ONSEMI-NCP1239CD65R2G Datasheet
243Kb / 26P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
September, 2016 ??Rev. 12
NCP1239CD65R2G ONSEMI-NCP1239CD65R2G Datasheet
398Kb / 29P
   Fixed Frequency Current‐Mode Controller for Flyback Converter
October, 2020 - Rev. 25
More results

Similar Description - NCP1239CD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1239 ONSEMI-NCP1239_16 Datasheet
243Kb / 26P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
September, 2016 ??Rev. 12
NCP1239 ONSEMI-NCP1239_V01 Datasheet
398Kb / 29P
   Fixed Frequency Current‐Mode Controller for Flyback Converter
October, 2020 - Rev. 25
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1234 ONSEMI-NCP1234 Datasheet
284Kb / 33P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2011 ??Rev. 1
NCP1246-D ONSEMI-NCP1246-D Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP1236AD65R2G ONSEMI-NCP1236AD65R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1288 ONSEMI-NCP1288 Datasheet
274Kb / 32P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
NCP1236 ONSEMI-NCP1236 Datasheet
295Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
January, 2012 ??Rev. 2
NCP1246 ONSEMI-NCP1246_V01 Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com