Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV7462DQ0R2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV7462DQ0R2G
Description  LIN/CAN SBC/System-IC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7462DQ0R2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV7462DQ0R2G Datasheet HTML 2Page - ON Semiconductor NCV7462DQ0R2G Datasheet HTML 3Page - ON Semiconductor NCV7462DQ0R2G Datasheet HTML 4Page - ON Semiconductor NCV7462DQ0R2G Datasheet HTML 5Page - ON Semiconductor NCV7462DQ0R2G Datasheet HTML 6Page - ON Semiconductor NCV7462DQ0R2G Datasheet HTML 7Page - ON Semiconductor NCV7462DQ0R2G Datasheet HTML 8Page - ON Semiconductor NCV7462DQ0R2G Datasheet HTML 9Page - ON Semiconductor NCV7462DQ0R2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
NCV7462
www.onsemi.com
6
Table 2. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min
Max
Unit
Vmax_VS
Power supply voltage
−0.3
40
V
Vmax_WU1−3
Wake pins DC and transient voltage
−0.3
VS + 0.3
V
Vmax_OPOUT1/2
Opamp analog output voltage range
−0.3
VS + 0.3
V
Vmax_OUT1−4
Vmax_OUT_HS
High−side output voltage range
−0.3
VS + 0.3
V
Vmax_LS1/2
LS1/2 pin voltage range DC
LS1/2 pin transient voltage range (during flyback)
−0.3
−0.3
40
65
V
V
Vmax_LIN
DC voltage on LIN pin
−20
40
V
Vmax_INH
DC voltage on INH pin
−0.3
VS + 0.3
V
Vmax_CANH/L
Vmax_VSPLIT
DC voltage on pin CANH, CANL and VSPLIT
−40
40
V
Vmax_VR1
Stabilized supply voltage, logic supply
−0.3
min (5.5,
VS + 0.3)
V
Vmax_VR2
Stabilized supply voltage
−0.3
28
V
Vmax_VCC_CAN
Supply input for the CAN transceiver
−0.3
5.5
V
Vmax_digIO
DC voltage at digital pins (RxDC, NRES, RxDL/INTN, SDI, SDO,
SCLK, CSN)
−0.3
VR1 + 0.3
V
Vmax_OP1/2(+/−)
Opamp input voltage range
−0.3
VS + 0.3
V
Vmax_TxDL(C)/FL
ASH
DC voltage at TxDL/FLASH and TxDC/FLASH inputs
−0.3
28
V
Wmax_LS1/2
Maximum clamping energy on LS1/2
36
mJ
Imax_LS1/2
Maximum LS1/2 pin current
500
mA
Maximum LS1/2 pin current, transient or without VS supply
−120
mA
Imax_input
Current injection into Vs related input pins
5
mA
ESD Human Body
Model
(100pF, 1500
W)
All pins
−2
+2
kV
Pins LIN, CANH/L, VSPLIT and WU1−3 to GND
−4
+4
Pins OUT_HS, OUT1−4, LS1/2 to GND
−4
+4
ESD following IEC
61000−4−2
(150 pF, 330
W)
Valid for pins VS, LIN, CANH/L, VSPLIT, WUx, OUT_HS, OUT1−4
− VS pin with reverse−protection and filtering capacitor
− VSPLIT pin stressed through split CAN termination
− WUx pins stressed through a serial resistor >10 k
W
− OUT_HS, OUT1−4 pins with parallel capacitor 10 nF
−6
+6
kV
ESD Charged
Device Model
following
JESD22−C101/AE
C−Q100−011
All pins
−500
+500
V
Corner pins
−750
+750
V
Tj_mr
Junction temperature
−40
+170
°C
Tstg
Storage Temperature Range
−55
+150
°C
MSL
Moisture Sensitivity Level (max. 260
°C processing)
MSL3
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.


Similar Part No. - NCV7462DQ0R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7462DQ0R2G ONSEMI-NCV7462DQ0R2G Datasheet
379Kb / 56P
   LIN/CAN SBC/System-IC
June, 2016 ??Rev. 5
More results

Similar Description - NCV7462DQ0R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7462 ONSEMI-NCV7462 Datasheet
420Kb / 56P
   LIN/CAN SBC/System-IC
January, 2013 ??Rev. 0
NCV7462 ONSEMI-NCV7462_1 Datasheet
379Kb / 56P
   LIN/CAN SBC/System-IC
June, 2016 ??Rev. 5
logo
ELMOS Semiconductor AG
E520.34 ELMOS-E520.34 Datasheet
901Kb / 33P
   System basis chip (SBC) for LIN applications
logo
ATMEL Corporation
ATA663454 ATMEL-ATA663454_14 Datasheet
1Mb / 32P
   LIN SBC including LIN Transceiver
ATA663431 ATMEL-ATA663431_14 Datasheet
1Mb / 32P
   LIN SBC including LIN Transceiver
logo
Freescale Semiconductor...
MCZ33905CS5EK FREESCALE-MCZ33905CS5EK Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33903_4 FREESCALE-MC33903_4_5 Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
logo
Freescale Semiconductor...
MC33903 FREESCALE-MC33903 Datasheet
2Mb / 98P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33905D FREESCALE-MC33905D Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com