Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT46W Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # BAT46W
Description  SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BAT46W Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BAT46W Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAT46W Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAT46W Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAT46W Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOD-123 Plastic-Encapsulate Diodes
BA T46W SCHOTTKY BARRIER DIODE
FEATURES
High breakdown voltage
Low turn-on voltage
Guard ring construction for transient protection
MARKING: S9
Maximum Ratings @Ta=25
Parameter
Symbol
Limit
Unit
Peak repetitive peak reverse voltage
Working peak reverse voltage
VRRM
VRWM
100
V
Forward continuous current
IF
150
mA
Repetitive peak forward current (Note 1) @ tp < 1.0s, Duty Cycle < 50%
IFRM
350
mA
Non-repetitive Peak Forward surge current @ t = 8.3ms
IFSM
750
mA
Power dissipation
PD
500
mW
Thermal resistance junction to ambient air
RθJA
2
00
℃/W
Junction temperature
Tj
1
25
Storage temperature
TSTG
-55~+150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
Condition
s
Min
Typ
Max
Unit
Reverse breakdown voltage(Note 2)
VR
IR= 100µA
100
V
Reverse voltage leakage current
IR
VR1=1.5V
VR2=10V
VR3=50V
VR4=75V
0.3
0.5
1
2
µA
Forward voltage(Note 2)
VF
IF1=0.1mA
IF2=10mA
IF3=250mA
0.25
0.45
1
V
Diode capacitance
CT
VR=0, f=1MHz
VR=1V, f=1MHz
20
12
pF
Notes: 1. Part mounted on FR-4 board with recommended pad layout.
2. Short duration pulse test used to minimize self-heating effect.
SOD-123
1
www.cj-elec.com
The marking bar indicates the cathode
Solid dot = Green molding compound device,if none,
the normal device.
E,Mar,2015


Similar Part No. - BAT46W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT46W STMICROELECTRONICS-BAT46W Datasheet
53Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Diotec Semiconductor
BAT46W DIOTEC-BAT46W Datasheet
105Kb / 2P
   Surface Mount Schottky Barrier Diodes
logo
Diodes Incorporated
BAT46W DIODES-BAT46W Datasheet
277Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
BAT46W DIODES-BAT46W Datasheet
65Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30044 Rev. 4 - 2
logo
Intersil Corporation
BAT46W INTERSIL-BAT46W Datasheet
531Kb / 10P
   ISL6844 Reference Design: ISL6844EVAL3Z
More results

Similar Description - BAT46W

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com