Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMH4042G-AHN Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMH4042G-AHN
Description  Hot Swap??Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4042G-AHN Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMH4042G-AHN Datasheet HTML 1Page - Summit Microelectronics, Inc. SMH4042G-AHN Datasheet HTML 2Page - Summit Microelectronics, Inc. SMH4042G-AHN Datasheet HTML 3Page - Summit Microelectronics, Inc. SMH4042G-AHN Datasheet HTML 4Page - Summit Microelectronics, Inc. SMH4042G-AHN Datasheet HTML 5Page - Summit Microelectronics, Inc. SMH4042G-AHN Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4042G-AHN Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4042G-AHN Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4042G-AHN Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
SUMMIT MICROELECTRONICS, Inc.
300 Orchard City Drive, Suite 131
Campbell, CA 95008
Telephone 408-378-6461
Fax 408-378-6586
www.summitmicro.com
1
Characteristics subject to change without notice
© SUMMIT MICROELECTRONICS, Inc. 1999
2037 8.0 8/8/00
SUMMIT
MICROELECTRONICS, Inc.
SMH4042
FEATURES
Full Voltage Control for Hot Swap Applications
CompactPCI High Availability Compatible
-
On-board 15V High Side Driver Generation
Allows use of Low On-resistance N-Channel FETS
-
Undervoltage Lockout
-
Electronic Circuit Breakers
-
Card Insertion Detection
-
Host VCC Detection
-
Card Voltage Sequencing
Flexible Reset Control
-
Low Voltage Resets
-
Host Reset Filtering
-
Soft Reset
Adjustable Power-on Slew Rate
Supports Mixed Voltage Cards
Integrated 4K Bit 2-Wire E2PROM Memory
-
Data Download™ Mode [Simplifies
Downloading of Configuration Memory into
Interface ASIC or MCU]
APPLICATIONS
CompactPCI Hot Swap Control
VME Live Insertion Control
Hot Swap™ Controller
DESCRIPTION
The SMH4042 is a fully integrated hot swap controller that
provides complete power control for add-in cards ranging
in use for basic hot swap systems to high availability
systems. It detects proper insertion of the card and
senses valid supply voltage levels at the backplane.
Utilizing external low on-resistance N-channel
MOSFETs, card power is ramped by two high-side driver
outputs that are slew-rate limited at 250V/s.
The SMH4042 continuously monitors the host supplies,
the add-in card supplies and the add-in card current. If the
SMH4042 detects the current is higher than the pro-
grammed value it will shut down the MOSFETs and issue
a fault status back to the host.
The on board E2PROM can be used as configuration
memory for the individual card or as general purpose
memory. The proprietary DataDownload mode provides
a more direct interface to the E2PROM, simplifying access
by the add-in card’s controller or ASIC.
FUNCTIONAL BLOCK DIAGRAM
ASSOCIATE
MEMBER
VGATE3
VGATE5
BD_SEL1#
SGNL_VLD#
HEALTHY#
VCC5
HST_3V_MON
PCI_RST#
CARD_3V_MON
CARD_5V_MON
+
-
LOCAL_PCI_RST#
LOCAL_PCI_RST
DRVREN#
+
-
+
-
EEPROM
Memory
Array
A2
SCL
SDA
A1
A0
BD_SEL2#
+
-
-
-
PWR_EN
FAULT#
1Vref
1.25V
Slew Rate
Control
Charge
Pump
Ref
Voltage
Control
Circuitry
50mV
50mV
CBI_3
CBI_5
2037 ILL2.2


Similar Part No. - SMH4042G-AHN

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAGM SUMMIT-SMH4042AGAGM Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAGN SUMMIT-SMH4042AGAGN Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAHM SUMMIT-SMH4042AGAHM Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAHN SUMMIT-SMH4042AGAHN Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
More results

Similar Description - SMH4042G-AHN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
   Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
   Hot Swap Controller
LTC1422 LINER-LTC1422 Datasheet
273Kb / 16P
   Hot Swap Controller
LTC1422 LINER-LTC1422_15 Datasheet
203Kb / 16P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com