Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6202C Datasheet(PDF) 1 Page - Alpha Wire

Part # 6202C
Description  Component 1 2 X 1 PAIR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

6202C Datasheet(HTML) 1 Page - Alpha Wire

  6202C Datasheet HTML 1Page - Alpha Wire 6202C Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALPHA WIRE COMPANY
CUSTOMER PRODUCT SPECIFICATION
Part Number: 6202C
Issue:
4
Page 1 of 1 Pages
Issue Date:
5/26/2005
Effective Date:
8/1/2005
Although Alpha Wire Company ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure
product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In no
event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha has been
advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the use, or
inability to use, the information or specifications described herein.
711 Lidgerwood Ave Elizabeth, NJ 07207-0711
Toll Free 1-800-52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com
www.alphawire.com
A. Construction
Diameters (In)
1) Component 1
2 X 1 PAIR
a) Conductor
24 (7/32) AWG TC
b) Insulation
0.016" Wall, Nom. Polypropylene, Foam
0.056
(1) Color Code
Alpha Wire Company Color Code A
Pair
Color
Pair
Color
Pair
Color
1
BLACK-RED
2
BLACK-WHITE
c)
Pair
2/Cond Cabled Together
(1) Twists:
8.0 Twists/foot (min)
2) Cable Assembly
2 Components Cabled
a) Twists:
4.4 Twists/foot (min)
3) Shield:
Alum/Mylar Tape, 25% Overlap, Min.
a) Foil Direction
Foil Facing Out
b) Drain Wire
24 (7/32) AWG TC
4) Jacket
0.035" Wall, Nom.,PVC
0.258 (0.271 Max.)
a) Color(s)
SLATE
b) Ripcord
1 End 810 Denier Nylon
c)
Print
ALPHA WIRE-* P/N 6202C 2PR 24 AWG
SHIELDED 75C (UL) TYPE CM OR AWM 2919 LOW VOLTAGE
COMPUTER CABLE --- LLXXXXXX CSA TYPE CMG FT4
ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of manufacture.]
B. Industry Approvals
1) UL
AWM/STYLE 2919
80°C / 30 VRMS
CM
75°C
VW-1
2) CSA International
CMG
60°C
FT4
3) EU Directive 2002/95/EC(RoHS):
All materials used in the manufacture of this part are in compliance with EU
Directive 2002/95/EU regarding the restriction of use of certain hazardous
substances in electrical and electronic equipment. Consult Alpha Wire's web site
for compliance Date of Manufacture.
4) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the
requirements of California Proposition 65.
C. Physical & Mechanical Properties
1) Temperature Range
-20 to 80°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
17.6 Lbs, Maximum
D. Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Characteristic Impedance
105 Ω +/- 10
3) Mutual Capacitance
12.5 pf/ft @1 kHz, Nominal
4) Ground Capacitance
22 pf/ft @1 kHz, Nominal
5) Velocity of Propagation
78 %
6) Attenuation, Max dB/100ft
0.25 @ 100 kHz
0.8 @ 1 MHz
5.8 @ 50 MHz
E. Other
1) Packaging


Similar Part No. - 6202C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
6202 LINER-6202 Datasheet
591Kb / 24P
   Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
logo
Schurter Inc.
6202 SCHURTER-6202 Datasheet
439Kb / 3P
   IEC Appliance Inlet C18 with Fuseholder 1-pole
6202 SCHURTER-6202 Datasheet
333Kb / 4P
   IEC Appliance Inlet C18 with Fuseholder 1-pole
6202 SCHURTER-6202 Datasheet
341Kb / 4P
   IEC Appliance Inlet C18 with Fuseholder 1-pole
6202.2100 SCHURTER-6202.2100 Datasheet
341Kb / 4P
   IEC Appliance Inlet C18 with Fuseholder 1-pole
More results

Similar Description - 6202C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6212C ALPHAWIRE-6212C Datasheet
79Kb / 2P
   Component 1 2 X 1 PAIR
B963021 ALPHAWIRE-B963021 Datasheet
68Kb / 2P
   Component 1 2 X 1 PAIR
6362 ALPHAWIRE-6362 Datasheet
72Kb / 1P
   Component 1 2 X 1 PAIR
6062C ALPHAWIRE-6062C Datasheet
75Kb / 2P
   Component 1 2 X 1 PAIR
B963011 ALPHAWIRE-B963011 Datasheet
68Kb / 2P
   Component 1 1 X 1 PAIR
6203C ALPHAWIRE-6203C Datasheet
75Kb / 2P
   Component 1 3 X 1 PAIR
6223C ALPHAWIRE-6223C Datasheet
75Kb / 2P
   Component 1 3 X 1 PAIR
6325 ALPHAWIRE-6325 Datasheet
79Kb / 2P
   Component 1 18 X 1 PAIR
6064C ALPHAWIRE-6064C Datasheet
76Kb / 2P
   Component 1 4 X 1 PAIR
B963031 ALPHAWIRE-B963031 Datasheet
68Kb / 2P
   Component 1 3 X 1 PAIR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com