Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5957MTD Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5957MTD
Description  12-bit, 70MSPS Broadband Monolithic A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5957MTD Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button CLC5957MTD Datasheet HTML 3Page - National Semiconductor (TI) CLC5957MTD Datasheet HTML 4Page - National Semiconductor (TI) CLC5957MTD Datasheet HTML 5Page - National Semiconductor (TI) CLC5957MTD Datasheet HTML 6Page - National Semiconductor (TI) CLC5957MTD Datasheet HTML 7Page - National Semiconductor (TI) CLC5957MTD Datasheet HTML 8Page - National Semiconductor (TI) CLC5957MTD Datasheet HTML 9Page - National Semiconductor (TI) CLC5957MTD Datasheet HTML 10Page - National Semiconductor (TI) CLC5957MTD Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
http://www.national.com
Analog Inputs and Bias
Figure 1 depicts the analog input and bias scheme. Each
of the differential analog inputs are internally biased to a
nominal voltage of 2.40 volts DC through a 500
Ω resistor
to a low impedance buffer. This enables a simple
interface to a broadband RF transformer with a center-
tapped output winding that is decoupled to the analog
ground. If the application requires the inputs to be DC
coupled, the Vcm output can be used to establish the
proper common -mode input voltage for the ADC. The
Vcm voltage reference is generated from an internal
bandgap source that is very accurate and stable.
Figure 1: CLC5957 Bias Scheme
The Vcm output may also be used to power down the
ADC. When the Vcm pin is pulled above 3.5V, the internal
bias mirror is disabled and the total current is reduced to
less than 10mA. Figure 2 depicts how this function can
be used. The diode is necessary to prevent the logic gate
from altering the ADC bias value.
Figure 2: Power Shutdown Scheme
ENCODE Clock Inputs
The CLC5957’s differential input clock scheme is
compatible with all commonly used clock sources.
Although small differential and single-ended signals are
adequate, for best aperture jitter performance a low noise
differential clock with a high slew rate is preferred. As
depicted in Figure 3, both ENCODE clock inputs are
internally biased to VCC/2 though a pair of 5KΩ resistors.
The clock input buffer operates with any common-mode
voltage between the supply and ground.
Figure 3: CLC5957 ENCODE Clock Inputs
The internal bias resistors simplify the clock interface to
another center-tapped transformer as depicted in Figure
4. A low phase noise, RF synthesizer of moderate ampli-
tude (1 - 4Vpp) can drive the ADC through this interface.
Figure 4: Transfer Coupled Clock Scheme
Vcm
1.23V
Bandgap
Reference
ADC
Bias Mirror
2K
To T/H
and ADC
Ain
Ain
2.4V
+
-
500
500
Vref
5V CMOS
"1" = on
"0" = off
CLC5957
BJT Current Mirror
VCCA
GNDA
ENC
ENC
5k
5k
5k
5k
ENC
ENC
CLC5957
~
CLC5957 Applications


Similar Part No. - CLC5957MTD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5957MTD NSC-CLC5957MTD Datasheet
1Mb / 16P
   12-Bit, 70MSPS Broadband Monolithic A/D Converter
CLC5957MTDX NSC-CLC5957MTDX Datasheet
1Mb / 16P
   12-Bit, 70MSPS Broadband Monolithic A/D Converter
More results

Similar Description - CLC5957MTD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5957 NSC-CLC5957_02 Datasheet
1Mb / 16P
   12-Bit, 70MSPS Broadband Monolithic A/D Converter
CLC5956 NSC-CLC5956 Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
CLC5955 NSC-CLC5955 Datasheet
222Kb / 10P
   11-bit, 55MSPS Broadband Monolithic A/D Converter
logo
Analog Devices
AD9022 AD-AD9022_15 Datasheet
411Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. A
AD568 AD-AD568_15 Datasheet
544Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD9022 AD-AD9022 Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD9042 AD-AD9042 Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD568 AD-AD568 Datasheet
541Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
logo
Renesas Technology Corp
HI-DAC80V RENESAS-HI-DAC80V Datasheet
483Kb / 8P
   12-Bit, Low Cost, Monolithic D/A Converter
logo
Analog Devices
AD6012 AD-AD6012_15 Datasheet
2Mb / 6P
   LOW COST MONOLITHIC 12 BIT D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com